Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE20A Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # P6KE20A
Description  UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

P6KE20A Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  P6KE20A Datasheet HTML 1Page - HY ELECTRONIC CORP. P6KE20A Datasheet HTML 2Page - HY ELECTRONIC CORP. P6KE20A Datasheet HTML 3Page - HY ELECTRONIC CORP. P6KE20A Datasheet HTML 4Page - HY ELECTRONIC CORP. P6KE20A Datasheet HTML 5Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P6KE SERIES
Type
Number
Type
Number
Reverse
Standoff
Voltage
Max.
Reverse
Leakage
@ VR
Max.
Clamping
Voltage
@ Ipp
Max.
Peak
Pulse
Current
Max.
Voltage
Temp.
Variation
of Bv
(UNI)
(BI)
VR(V)
Min(V)
Max(V)
It(mA)
IR(µA)
Vc(V)
Ipp(A)
mV/℃
P6KE62
P6KE62C
50.2
55.8
68.2
1
5
89.0
6.80
0.104
P6KE62A
P6KE62CA
53.0
58.9
65.1
1
5
85.0
7.10
0.104
P6KE68
P6KE68C
55.1
61.2
74.8
1
5
98.0
6.10
0.104
P6KE68A
P6KE68CA
58.1
64.6
71.4
1
5
92.0
6.50
0.104
P6KE75
P6KE75C
60.7
67.5
82.5
1
5
108.0
5.50
0.105
P6KE75A
P6KE75CA
64.7
71.3
78.8
1
5
103.0
5.80
0.105
P6KE82
P6KE82C
66.4
73.8
90.2
1
5
118.0
5.10
0.105
P6KE82A
P6KE82CA
70.1
77.9
86.1
1
5
113.0
5.30
0.105
P6KE91
P6KE91C
73.7
81.9
100.0
1
5
131.0
4.50
0.106
P6KE91A
P6KE91CA
77.8
86.5
95.5
1
5
125.0
4.80
0.106
P6KE100
P6KE100C
81.0
90.0
110.0
1
5
144.0
4.20
0.106
P6KE100A
P6KE100CA
85.5
95.0
105.0
1
5
137.0
4.40
0.106
P6KE110
P6KE110C
89.2
99.0
121.0
1
5
158.0
3.80
0.107
P6KE110A
P6KE110CA
94.0
105.0
116.0
1
5
152.0
4.00
0.107
P6KE120
P6KE120C
97.2
108.0
132.0
1
5
173.0
3.50
0.107
P6KE120A
P6KE120CA
102.0
114.0
126.0
1
5
165.0
3.60
0.107
P6KE130
P6KE130C
105.0
117.0
143.0
1
5
187.0
3.20
0.107
P6KE130A
P6KE130CA
111.0
124.0
137.0
1
5
179.0
3.30
0.107
P6KE150
P6KE150C
121.0
135.0
165.0
1
5
215.0
2.80
0.108
P6KE150A
P6KE150CA
128.0
143.0
158.0
1
5
207.0
2.90
0.108
P6KE160
P6KE160C
130.0
144.0
176.0
1
5
230.0
2.60
0.108
P6KE160A
P6KE160CA
136.0
152.0
168.0
1
5
219.0
2.70
0.108
P6KE170
P6KE170C
138.0
153.0
187.0
1
5
244.0
2.50
0.108
P6KE170A
P6KE170CA
145.0
162.0
179.0
1
5
234.0
2.60
0.108
P6KE180
P6KE180C
146.0
162.0
198.0
1
5
258.0
2.30
0.108
P6KE180A
P6KE180CA
154.0
171.0
189.0
1
5
246.0
2.40
0.108
P6KE200
P6KE200C
162.0
180.0
220.0
1
5
287.0
2.10
0.108
P6KE200A
P6KE200CA
171.0
190.0
210.0
1
5
274.0
2.20
0.108
P6KE220
P6KE220C
175.0
198.0
242.0
1
5
344.0
1.75
0.108
P6KE220A
P6KE220CA
185.0
209.0
231.0
1
5
328.0
1.83
0.108
P6KE250
P6KE250C
202.0
225.0
275.0
1
5
360.0
1.67
0.110
P6KE250A
P6KE250CA
214.0
237.0
263.0
1
5
344.4
1.75
0.110
P6KE300
P6KE300C
243.0
270.0
330.0
1
5
430.0
1.40
0.110
P6KE300A
P6KE300CA
256.0
285.0
315.0
1
5
414.0
1.45
0.110
P6KE350
P6KE350C
284.0
315.0
385.0
1
5
504.0
1.20
0.110
P6KE350A
P6KE350CA
300.0
332.0
368.0
1
5
482.0
1.25
0.110
P6KE400
P6KE400C
324.0
360.0
440.0
1
5
574.0
1.05
0.110
P6KE400A
P6KE400CA
342.0
380.0
420.0
1
5
548.0
1.10
0.110
Rev. 7, 16-Mar-2017
Breakdown
Voltage
BV Lolts@lt
NOTES: Suffix'C' denotes bidirectional device . Suffix'A' denotes 5% tolerance device .no suffix denotes 10% tolerance devive .
1. For bidirectional devices having VR of 10volts and under ,the IR limit is doubled .


Similar Part No. - P6KE20A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
P6KE20A TAITRON-P6KE20A Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
P6KE20A CHONGQING-P6KE20A Datasheet
249Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Motorola, Inc
P6KE20A MOTOROLA-P6KE20A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE20A VISHAY-P6KE20A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Diotech Company.
P6KE20A DIOTECH-P6KE20A Datasheet
1Mb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE20A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10 HY-P6KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE_V01 Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10 HY-1-5KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com