Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1V120 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MKP1V120
Description  Sidac High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MKP1V120 Datasheet(HTML) 2 Page - ON Semiconductor

  MKP1V120 Datasheet HTML 1Page - ON Semiconductor MKP1V120 Datasheet HTML 2Page - ON Semiconductor MKP1V120 Datasheet HTML 3Page - ON Semiconductor MKP1V120 Datasheet HTML 4Page - ON Semiconductor MKP1V120 Datasheet HTML 5Page - ON Semiconductor MKP1V120 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MKP1V120 Series
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Lead
Lead Length = 3/8
RqJL
40
°C/W
Lead Solder Temperature
(Lead Length
w 1/16″ from Case, 10 s Max)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Repetitive Peak Off−State Current
TJ = 25°C
(50 to 60 Hz Sine Wave)
VDRM = 90 V, MKP1V120, MKP1V130 and MKP1V160
VDRM = 180 V, MKP1V240
IDRM
5.0
mA
ON CHARACTERISTICS
Breakover Voltage
IBO = 35 mA
MKP1V120
35
mA
MKP1V130
200
mA
MKP1V160
35
mA
MKP1V240
VBO
110
120
150
220
130
140
170
250
Volts
Peak On−State Voltage
(ITM = 1 A Peak, Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%)
VTM
1.3
1.5
Volts
Dynamic Holding Current
(Sine Wave, 50 to 60 Hz, RL = 100 Ohm)
IH
100
mA
Switching Resistance
(Sine Wave, 50 to 60 Hz)
RS
0.1
k
W
DYNAMIC CHARACTERISTICS
Critical Rate−of−Rise of On−State Current,
Critical Damped Waveform Circuit
(IPK = 130 Amps, Pulse Width = 10 msec)
di/dt
120
A/
ms


Similar Part No. - MKP1V120

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MKP1V120 MOTOROLA-MKP1V120 Datasheet
85Kb / 4P
   SIDACs 0.9 AMPERES RMS 110 thru 280 VOLTS
logo
ON Semiconductor
MKP1V120RL ONSEMI-MKP1V120RL Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
MKP1V120RLG ONSEMI-MKP1V120RLG Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
MKP1V120 ONSEMI-MKP1V120_06 Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
More results

Similar Description - MKP1V120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP3V120 ONSEMI-MKP3V120 Datasheet
86Kb / 8P
   Sidac High Voltage Bidirectional Triggers
May, 2000 ??Rev. 3
MKP9V160 ONSEMI-MKP9V160 Datasheet
139Kb / 5P
   Sidac High Voltage Bidirectional Triggers
February, 2006 ??Rev. 1
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
   Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
   SIDAC
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
   Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
   Sidac
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
   SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
logo
Shindengen Electric Mfg...
K1V5 SHINDENGEN-K1V5_10 Datasheet
291Kb / 2P
   SIDAC
K1VA16 SHINDENGEN-K1VA16 Datasheet
416Kb / 10P
   Sidac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com