Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEK470M050ST Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SEK470M050ST
Description  Available in T&R and ammo pack
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SEK470M050ST Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SEK470M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SEK470M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SEK470M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SEK470M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics SEK470M050ST Datasheet HTML 5Page - Cornell Dubilier Electronics SEK470M050ST Datasheet HTML 6Page - Cornell Dubilier Electronics SEK470M050ST Datasheet HTML 7Page - Cornell Dubilier Electronics SEK470M050ST Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SEK 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Long Life, Aluminum Electrolytic
Type SEK is a radial leaded aluminum electrolytic ca-
pacitor with a +105 º C, long life rating. The volumetic
efficient high CV product of the SEK makes it ideal for
high density packaging in general purpose, coupling,
decoupling, bypass and filtering circuit applications.
Highlights
• +105 ºC
• Long life
• High CV product
• General purpose applications
• Available in T&R and ammo pack
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Maximum DC Leakage Current:
Dissipation Factor @ 120 Hz, +25 ºC:
Ripple Multipliers for Voltage and Temperature:
0.47 to 15,000 µF
6.3 to 450 Vdc
±20%
–55 ºC to +105 ºC; 6.3 to 100 Vdc
–40 ºC to +105 ºC; 160 to 400 Vdc
–25 ºC to +105 ºC; 450 Vdc
After 2 minutes, with rated voltage at +20 ºC
6.3 to 100 Vdc
I = .01CV or 3 µA Max (whichever is greater)
≥ 160 Vdc after 3 min, with rated voltage at +20 ºC
I = .03CV or 10 µA Max (whichever is greater)
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
WV (V) 6.3 10 16 25 35 50 63 80 100 160-250 350-450
DF(%)
26 22 18 16 14 12 10 10 10
15
20
Rated
Ripple Multipliers
WVDC
60Hz
120Hz
1kHz
10kHz
6 to 25
0.80
1.0
1.1
1.2
35 to 100
0.75
1.0
1.3
1.4
160 to 250
0.70
1.0
1.4
1.6
350 to 400
0.60
1.0
1.5
1.8
Ambient
Ripple
Temperature Multiplier
+105 ºC
1.00
+85 ºC
1.50
+70 ºC
1.80
Apply WVDC for 2000 hours at +105 ºC
Capacitance change within 20% of initial limit
DF not to exceed 200% of initial requirement
Leakage current not to exceed 200% of initial
1000 hrs with no voltage applied
Cap change within ±20% of initial values
DF not to exceed 200% of initial requirement
DC leakage current meets initial requirement
For capacitors whose capacitance value exceeds 1000 µF,
the value of DF (%) is increased 2% for every additional
1000 µF.
Load Life:
Shelf Life:
Complies with the EU Directive 2002/95/
EC requirement restricting the use of
Lead (Pb), Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)), PolyBro-
minated Biphenyls (PBB) and PolyBromi-
nated Diphenyl Ethers (PBDE).


Similar Part No. - SEK470M050ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK470M050ST CDE-SEK470M050ST Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
More results

Similar Description - SEK470M050ST

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2F3KY103MN3AM02 MURATA-DE2F3KY103MN3AM02 Datasheet
42Kb / 1P
   Ammo pack
DESD33A221KN2A MURATA-DESD33A221KN2A Datasheet
44Kb / 1P
   Ammo pack taping type
DE2E3KH332MN3A MURATA-DE2E3KH332MN3A Datasheet
45Kb / 1P
   Ammo pack taping type
logo
Cornell Dubilier Electr...
167 CDE-167 Datasheet
98Kb / 5P
   Bulk, tape and reel or ammo pack
logo
Semtech Corporation
1N-SS254 SEMTECH-1N-SS254 Datasheet
221Kb / 2P
   Packing Specification of 52mm Ammo Pack
logo
Littelfuse
V12ZT1 LITTELFUSE-V12ZT1 Datasheet
471Kb / 14P
   Available in tape and reel or bulk pack
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
   Available in Tape and Reel
IRF830S KERSEMI-IRF830S Datasheet
800Kb / 8P
   Available in Tape and Reel
IRF9540S KERSEMI-IRF9540S Datasheet
778Kb / 8P
   Available in Tape and Reel
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com