Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE12 Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # P4KE12
Description  UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

P4KE12 Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  P4KE12 Datasheet HTML 1Page - HY ELECTRONIC CORP. P4KE12 Datasheet HTML 2Page - HY ELECTRONIC CORP. P4KE12 Datasheet HTML 3Page - HY ELECTRONIC CORP. P4KE12 Datasheet HTML 4Page - HY ELECTRONIC CORP. P4KE12 Datasheet HTML 5Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P4KE SERIES
Type
Number
Type
Number
Reverse
Standoff
Voltage
Max.
Reverse
Leakage
Max.
Clamping
Voltage
Max.
Peak
Pulse
Max.
Voltage
Temp.
Variation
(UNI)
(BI)
VR(V)
Min(V)
Max(V)
It(mA)
IR(µA)
Vc(V)
Ipp(A)
mV/℃
P4KE62
P4KE62C
50.2
55.8
68.2
1
5
89.0
4.70
0.104
P4KE62A
P4KE62CA
53.0
58.9
65.1
1
5
85.0
5.00
0.104
P4KE68
P4KE68C
55.1
61.2
74.8
1
5
98.0
4.30
0.104
P4KE68A
P4KE68CA
58.1
64.6
71.4
1
5
92.0
4.60
0.104
P4KE75
P4KE75C
60.7
67.5
82.5
1
5
108.0
3.90
0.105
P4KE75A
P4KE75CA
64.7
71.3
78.8
1
5
103.0
4.10
0.105
P4KE82
P4KE82C
66.4
73.8
90.2
1
5
118.0
3.60
0.105
P4KE82A
P4KE82CA
70.1
77.9
86.1
1
5
112.0
3.70
0.105
P4KE91
P4KE91C
73.7
81.9
100.0
1
5
131.0
3.20
0.106
P4KE91A
P4KE91CA
77.8
86.5
95.5
1
5
125.0
3.40
0.106
P4KE100
P4KE100C
81.0
90.0
110.0
1
5
144.0
2.90
0.106
P4KE100A
P4KE100CA
85.5
95.0
105.0
1
5
137.0
3.10
0.106
P4KE110
P4KE110C
89.2
99.0
121.0
1
5
158.0
2.70
0.107
P4KE110A
P4KE110CA
94.0
105.0
116.0
1
5
152.0
2.80
0.107
P4KE120
P4KE120C
97.2
108.0
132.0
1
5
173.0
2.40
0.107
P4KE120A
P4KE120CA
102.0
114.0
126.0
1
5
165.0
2.50
0.107
P4KE130
P4KE130C
105.0
117.0
143.0
1
5
187.0
2.20
0.107
P4KE130A
P4KE130CA
111.0
124.0
137.0
1
5
179.0
2.30
0.107
P4KE150
P4KE150C
121.0
135.0
165.0
1
5
215.0
2.00
0.108
P4KE150A
P4KE150CA
128.0
143.0
158.0
1
5
207.0
2.00
0.108
P4KE160
P4KE160C
130.0
144.0
176.0
1
5
230.0
1.80
0.108
P4KE160A
P4KE160CA
136.0
152.0
168.0
1
5
219.0
2.00
0.108
P4KE170
P4KE170C
138.0
153.0
187.0
1
5
244.0
1.70
0.108
P4KE170A
P4KE170CA
145.0
162.0
179.0
1
5
234.0
1.80
0.108
P4KE180
P4KE180C
146.0
162.0
198.0
1
5
258.0
1.60
0.108
P4KE180A
P4KE180CA
154.0
171.0
189.0
1
5
246.0
1.70
0.108
P4KE200
P4KE200C
162.0
180.0
220.0
1
5
287.0
1.50
0.108
P4KE200A
P4KE200CA
171.0
190.0
210.0
1
5
274.0
1.53
0.108
P4KE220
P4KE220C
175.0
198.0
242.0
1
5
344.0
1.16
0.108
P4KE220A
P4KE220CA
185.0
209.0
231.0
1
5
328.0
1.22
0.108
P4KE250
P4KE250C
202.0
225.0
275.0
1
5
360.0
1.11
0.110
P4KE250A
P4KE250CA
214.0
237.0
263.0
1
5
344.4
1.16
0.110
P4KE300
P4KE300C
243.0
270.0
330.0
1
5
430.0
0.93
0.110
P4KE300A
P4KE300CA
256.0
285.0
315.0
1
5
414.0
0.97
0.110
P4KE350
P4KE350C
284.0
315.0
385.0
1
5
504.0
0.79
0.110
P4KE350A
P4KE350CA
300.0
332.0
368.0
1
5
482.0
0.83
0.110
P4KE400
P4KE400C
324.0
360.0
440.0
1
5
572.0
0.70
0.110
P4KE400A
P4KE400CA
342.0
380.0
420.0
1
5
548.0
0.73
0.110
Rev. 7, 16-Mar-2017
Breakdown
Voltage
BV Lolts@lt
NOTES: Suffix'C' denotes bidirectional device . Suffix'A' denotes 5% tolerance device .no suffix denotes 10% tolerance devive .
1. For bidirectional devices having VR of 10volts and under ,the IR limit is doubled .


Similar Part No. - P4KE12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE12 PANJIT-P4KE12 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
New Jersey Semi-Conduct...
P4KE12 NJSEMI-P4KE12 Datasheet
212Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Rugao Dachang Electroni...
P4KE12 DACHANG-P4KE12 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Diotec Semiconductor
P4KE12 DIOTEC-P4KE12 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE12 LUGUANG-P4KE12 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE12

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10 HY-P6KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE_V01 Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
P6KE10C HY-P6KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
1-5KE10 HY-1-5KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com