Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPSX Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SPSX
Description  Offered on tape and reel
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SPSX Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SPSX Datasheet HTML 1Page - Cornell Dubilier Electronics SPSX Datasheet HTML 2Page - Cornell Dubilier Electronics SPSX Datasheet HTML 3Page - Cornell Dubilier Electronics SPSX Datasheet HTML 4Page - Cornell Dubilier Electronics SPSX Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type SPSX Solid Polymer Aluminum SMT Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Outline Drawings
L (±0.2)
W1 (±0.2) W2 (±0.1) H (±0.2)
S (±0.3)
7.3 mm
4.3 mm
2.4 mm
1.9 mm
1.3 mm
Surface finish of terminal; Tin (Sn)
Marking
Part Numbering System
SPSX
221
M
0E
R
-7
Type
Capacitance
Capacitance
Voltage Code
Packaging
Optional Lower
ESR Value at 100
kHz (see tables
for available op-
tions)
Code
Tolerance
02 = 2.0 Vdc
Code
820 = 82
M = ±20%
0E = 2.5 VDC
R = Tape & Reel:
3500 pcs/reel
101 = 100
04 = 4.0 Vdc
221 = 220
06 = 6.3 Vdc
B = Bulk
W1
Capacitance
Lot Code
Polarity Stripe (Anode)
+
W.V. Code
d = 2.0 V
e = 2.5 V
g = 4.0 V
j = 6.3 V
S
S
H
W2
L
W2
+
-
W1


Similar Part No. - SPSX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SPSXF001PET ONSEMI-SPSXF001PET Datasheet
130Kb / 6P
   Smart Passive Sensor for Indirect Moisture Sensing
March, 2019 ??Rev. 1
SPSXM001FOM ONSEMI-SPSXM001FOM Datasheet
113Kb / 6P
   Smart Passive Sensor for Direct Moisture Sensing
March, 2019 ??Rev. 0
SPSXM002PET ONSEMI-SPSXM002PET Datasheet
123Kb / 6P
   Smart Passive Sensor for Direct Moisture Sensing
March, 2019 ??Rev. 1
SPSXT001FOM ONSEMI-SPSXT001FOM Datasheet
191Kb / 8P
   Smart Passive Sensor for Temperature Sensing
January, 2020 ??Rev. 0
SPSXT001PCB ONSEMI-SPSXT001PCB Datasheet
100Kb / 5P
   Smart Passive Sensor for Temperature Sensing
March, 2019 ??Rev. P1
More results

Similar Description - SPSX

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SPCX CDE-SPCX Datasheet
664Kb / 5P
   Offered on tape and reel
logo
M/A-COM Technology Solu...
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
   Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
   Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
   Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
   Available on tape and reel
XLFBB14W SUNLED-XLFBB14W Datasheet
229Kb / 3P
   Available on tape and reel
XLM2DG169W SUNLED-XLM2DG169W Datasheet
229Kb / 3P
   Available on tape and reel
logo
Keystone Electronics Co...
118TR KEYSTONE-118TR Datasheet
303Kb / 2P
   CONTACT ON TAPE AND REEL
6.23.15
logo
M/A-COM Technology Solu...
MAPD-011027 MA-COM-MAPD-011027 Datasheet
720Kb / 4P
   Available on tape and reel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com