Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHW9189 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MHW9189
Description  GALLIUM ARSENIDE CATV AMPLIFIER MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW9189 Datasheet(HTML) 1 Page - Motorola, Inc

  MHW9189 Datasheet HTML 1Page - Motorola, Inc MHW9189 Datasheet HTML 2Page - Motorola, Inc MHW9189 Datasheet HTML 3Page - Motorola, Inc MHW9189 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MHW9189
MOTOROLA RF DEVICE DATA
The RF Line
Gallium Arsenide
CATV Amplifier Module
Features
• Specified for 79–, 112– and 132–Channel Loading
• Mirror Image of MHW9188
• Excellent Distortion Performance
• Higher Output Capability
• Built–in Input Diode Protection
• GaAs FET Transistor Technology
• Unconditionally Stable Under All Load Conditions
Applications
• CATV Systems Operating in the 40 to 870 MHz Frequency Range
• Output Stage Amplifier in Optical Nodes, Line Extenders and Trunk
Distribution Amplifiers for CATV Systems
• Driver Amplifier in Linear General Purpose Applications
Description
• 24 Vdc Supply, 40 to 870 MHz, CATV GaAs Forward Mirror Power Doubler
Amplifier
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
RF Voltage Input (Single Tone)
Vin
+75
dBmV
DC Supply Voltage
VCC
+26
Vdc
Operating Case Temperature Range
TC
–20 to +100
°C
Storage Temperature Range
Tstg
–40 to +100
°C
ESD MAXIMUM RATINGS
Rating
Input Value
Output Value
Unit
Surge Voltage per IEC 1000–4–5
300
300
V
Human Body Model per Mil. Std. 1686
2
2
kV
ELECTRICAL CHARACTERISTICS (VCC = 24 Vdc, TC = +45°C, 75 Ω system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
40
870
MHz
Power Gain
870 MHz
Gp
19.7
20.3
20.9
dB
Slope
40–870 MHz
S
0
0.5
1.0
dB
Gain Flatness (40–870 MHz, Peak–to–Valley)
GF
0.5
dB
Return Loss — Input
(Zo = 75 Ohms)
40–500 MHz
501–750 MHz
751–870 MHz
IRL
20
18
16
dB
Return Loss — Output
(Zo = 75 Ohms)
40–160 MHz
f > 160 MHz
ORL
20
18
dB
Order this document
by MHW9189/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
870 MHz
20.3 dB GAIN
132–CHANNEL
GaAs CATV AMPLIFIER
CASE 1302–01, STYLE 2
MHW9189
Motorola, Inc. 2002
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MHW9189

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW9189A MOTOROLA-MHW9189A Datasheet
245Kb / 4P
   Gallium Arsenide CATV Amplifier Module
More results

Similar Description - MHW9189

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW9247AN FREESCALE-MHW9247AN Datasheet
74Kb / 4P
   Gallium Arsenide CATV Amplifier Module
logo
Motorola, Inc
MHW9236 MOTOROLA-MHW9236 Datasheet
271Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9267A MOTOROLA-MHW9267A Datasheet
246Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9186A MOTOROLA-MHW9186A Datasheet
78Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9207A MOTOROLA-MHW9207A Datasheet
245Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9227 MOTOROLA-MHW9227 Datasheet
271Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9276 MOTOROLA-MHW9276 Datasheet
260Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9206 MOTOROLA-MHW9206 Datasheet
274Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9227A MOTOROLA-MHW9227A Datasheet
286Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
logo
Freescale Semiconductor...
MHW10247AN FREESCALE-MHW10247AN Datasheet
70Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9188AN FREESCALE-MHW9188AN Datasheet
73Kb / 4P
   Gallium Arsenide CATV Amplifier Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com