Electronic Components Datasheet Search |
|
MBR16150 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
MBR16150 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 3 page FEATURES ●Guard ring for transient protection ●Low power loss,high efficiency ●High current capability,low VF ●High surge capacity MECHANICAL DATA ●Case: TO-220AC molded plastic ●Polarity: As marked on the body ● Weight: 0.08ounces,2.24 grams ●Mounting position :Any Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% MBR MBR MBR MBR MBR MBR MBR 1630 1640 1650 1660 1680 16100 16150 Maximum Recurrent Peak Reverse Voltage VRRM 30 40 50 60 80 100 150 V Maximum RMS Voltage VRMS 21 28 35 42 56 70 105 V Maximum DC Blocking Voltage VDC 30 40 50 60 80 100 150 V Maximum Average Forward Rectified Current ( See Fig.1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward IF=16A @TJ=25℃ 0.95 Voltage (Note1) IF=16A @TJ=125℃ 0.92 Maximum DC Reverse Current @TJ=25℃ 0.1 at Rated DC Bolcking Voltage @TJ=125℃ 5 Typical Junction Capacitance (Note2) CJ pF Typical Thermal Resistance (Note3) RθJC ℃ /W Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ 4.The typical data above is for reference only(典型值仅供参考). Rev. 7, 16-Mar-2017 V 0.57 0.65 0.75 -55 to +150 wheeling,and polarity protection applications CHARACTERISTICS SYMBOL UNIT IFSM 2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC. 500 3.0 mA IR 0.3 7.5 0.5 15 0.5 10 ●For use in low voltage,high frequency inverters,free 0.75 A I(AV) 16.0 A 150 0.85 0.63 VF SCHOTTKY BARRIER RECTIFIERS MBR1630 thru MBR16150 3.Thermal resistance junction to case. -55 to +175 REVERSE VOLTAGE - 30 to 150Volts FORWARD CURRENT - 16.0 Amperes NOTES:1.300us pulse width,2% duty cycle. ●Plastic package has UL flammability classification 94V-0 ●Metal of silicon rectifier , majority carrier conduction TO-220AC .012(0.3) .024(0.6) .055(1.4) .047(1.2) .531(13.5) .583(14.8) .610(15.5) .583(14.8) .230(5.8) .270(6.9) .091(2.3) .102(2.6) .043(1.1) .032(0.8) .057(1.45) .045(1.14) .04 MAX (1.0) .153(3.9) .146(3.7) .374(9.5) .413(10.5) .177 (4.5) MAX .135(3.44) .103 (2.62) .173(4.4) .189(4.8) MAX (3.5) .138 |
Similar Part No. - MBR16150 |
|
Similar Description - MBR16150 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |