Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR1630 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # MBR1630
Description  SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MBR1630 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  MBR1630 Datasheet HTML 1Page - HY ELECTRONIC CORP. MBR1630 Datasheet HTML 2Page - HY ELECTRONIC CORP. MBR1630 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
MBR1630 thru MBR16150
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
FIG. 1 – FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE (℃)
4.0
0
25
12.0
16.0
50
75
100
125
150
175
8.0
SINGLE PHASE HALF WAVE
60HZ RESISTIVE OR
INDUCTIVE LOAD
NUMBER OF CYCLES AT 60Hz
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
1
250
200
150
100
50
0
300
10
25
20
50
100
PULSE WIDTH 8.3 ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
REVERSE VOLTAGE ,VOLTS
FIG.5 – TYPICAL JUNCTION CAPACITANCE
0.1
1000
100
10
1
10
100
TJ = 25°C f = 1 MHz
4
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVERSE CHARACTERISTICS
40
60
80
100
120
140
20
0.1
1.0
1000
10
0.01
0
100
TJ=125
TJ=25
MBR1630 - MBR1660
MBR1680 - MBR16150
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
0
0.1
0.3
0.5
0.7
1.1
1.5
1.3
0.9
1.7
100
10
0.1
1.0
TJ = 25°C
PULSE WIDTH 300us
2% DUTY CYCLE
MBR1650
-MBR1660
MBR1680 -
MBR16100
MBR16150
MBR1630 - MBR1640


Similar Part No. - MBR1630

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1630 DIODES-MBR1630 Datasheet
65Kb / 2P
   16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. F-2
logo
Kersemi Electronic Co.,...
MBR1630 KERSEMI-MBR1630 Datasheet
478Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Micro Commercial Compon...
MBR1630 MCC-MBR1630 Datasheet
114Kb / 2P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR1630 KERSEMI-MBR1630 Datasheet
489Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Diodes Incorporated
MBR1630 DIODES-MBR1630 Datasheet
79Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. 8 - 2
More results

Similar Description - MBR1630

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com