Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1233 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CM1233
Description  ESD Clamp Array for High Speed Data Line Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1233 Datasheet(HTML) 5 Page - ON Semiconductor

  CM1233_14 Datasheet HTML 1Page - ON Semiconductor CM1233_14 Datasheet HTML 2Page - ON Semiconductor CM1233_14 Datasheet HTML 3Page - ON Semiconductor CM1233_14 Datasheet HTML 4Page - ON Semiconductor CM1233_14 Datasheet HTML 5Page - ON Semiconductor CM1233_14 Datasheet HTML 6Page - ON Semiconductor CM1233_14 Datasheet HTML 7Page - ON Semiconductor CM1233_14 Datasheet HTML 8Page - ON Semiconductor CM1233_14 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CM1233
http://onsemi.com
5
Specifications
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Operating Temperature Range
−40 to +85
°C
Storage Temperature Range
−65 to +150
°C
Breakdown Voltage (Positive)
6
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 2. ELECTRICAL OPERATING CHARACTERISTICS
(All parameters specified at TA = –40°C to +85°C unless otherwise noted.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
I/O Voltage Relative to GND
−0.5
5.5
V
IIN
Continuous Current through signal pins
(IN to OUT) 1000 Hr
100
mA
IF
Channel Leakage Current
TA = 25°C; VN = 5 V
±0.1
±1.0
mA
VESD
ESD Protection − Peak Discharge Voltage
at any channel input, in system:
Contact discharge per
IEC 61000−4−2 Standard
TA = 25°C
±8
kV
IRES
Residual ESD Peak Current on RDUP
(Resistance of Device Under Protection)
IEC 61000−4−2 8 kV;
RDUP = 5 W, TA = 25°C;
See Figure 7
3.2
A
VCL
Channel Clamp Voltage
(Channel clamp voltage per
IEC 61000−4−5 Standard)
Positive Transients
Negative Transients
IPP = 1 A, TA = 25°C,
tP = 8/20 mS
+10
−1.8
V
RDYN
Dynamic Resistance
Positive Transients
Negative Transients
IPP = 1 A, TA = 25°C,
tP = 8/20 mS
0.9
0.55
W
Zo
Differential Channels pair
characteristic impedance
TR = 200 ps
100
W
DZo
Channel−to−Channel Impedance Match
(Differential)
TR = 200 ps
2
%
ZCHANNEL
Individual Channel Characteristic Imped-
ance in Single−ended Connection
TR = 200 ps
50
W
DZCHANNEL Channel−to−Channel Impedance Match
(Individual)
TR = 200 ps
2
%
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - CM1233_14

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1233-08DE CALMIRCO-CM1233-08DE Datasheet
173Kb / 10P
   PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1233-08DE ONSEMI-CM1233-08DE Datasheet
308Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 2
More results

Similar Description - CM1233_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1234 ONSEMI-CM1234_14 Datasheet
149Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1236 ONSEMI-CM1236_14 Datasheet
147Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1234 ONSEMI-CM1234 Datasheet
273Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
logo
California Micro Device...
CM1234 CALMIRCO-CM1234 Datasheet
169Kb / 10P
   PicoGuard XSTM ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1236 ONSEMI-CM1236 Datasheet
268Kb / 14P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1233 ONSEMI-CM1233 Datasheet
308Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 2
CM1235 ONSEMI-CM1235_14 Datasheet
152Kb / 9P
   Small Footprint ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
logo
California Micro Device...
CM1233 CALMIRCO-CM1233 Datasheet
173Kb / 10P
   PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1235 ONSEMI-CM1235 Datasheet
264Kb / 14P
   Small Footprint PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
ESDR0502NMUTAG ONSEMI-ESDR0502NMUTAG Datasheet
126Kb / 5P
   Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
March, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com