Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1216-08MR Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM1216-08MR
Description  6 and 8-Channel Low Capacitance ESD Arrays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1216-08MR Datasheet(HTML) 3 Page - ON Semiconductor

  CM1216-08MR Datasheet HTML 1Page - ON Semiconductor CM1216-08MR Datasheet HTML 2Page - ON Semiconductor CM1216-08MR Datasheet HTML 3Page - ON Semiconductor CM1216-08MR Datasheet HTML 4Page - ON Semiconductor CM1216-08MR Datasheet HTML 5Page - ON Semiconductor CM1216-08MR Datasheet HTML 6Page - ON Semiconductor CM1216-08MR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CM1216
http://onsemi.com
3
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VP
Operating Supply Voltage
(VP−VN)
3.3
5.5
V
IP
Operating Supply Current
(VP−VN) = 3.3 V
8
mA
VF
Diode Forward Voltage
Top Diode
Bottom Diode
IF = 20 mA; TA = 25°C
0.6
0.6
0.8
0.8
0.95
0.95
V
ILEAK
Channel Leakage Current
TA = 25°C; VP = 5 V, VN = 0 V
±0.1
±1.0
mA
CIN
Channel Input Capacitance
At 1 MHz, VP = 3.3 V, VN = 0 V, VIN = 1.65 V
(Note 2)
1.6
2.0
pF
DCIN
Channel Input Capacitance Matching
0.04
pF
CMUTUAL
Mutual Capacitance
(VP−VN) = 3.3 V
0.13
pF
VESD
ESD Protection
Peak Discharge Voltage at any
channel input, in system,
contact discharge per
IEC 61000−4−2 standard
TA = 25°C
(Notes 2 and 3)
±15
kV
VCL
Channel Clamp Voltage
Positive Transients
Negative Transients
IPP = 1 A, tP = 8/20 mS; TA = 25°C
+9.0
−1.5
V
RDYN
Dynamic Resistance
Positive transients
Negative transients
IPP = 1 A, tP = 8/20 mS; TA = 25°C
0.6
0.4
W
1. All parameters specified at TA = −40°C to +85°C unless otherwise noted.
2. Standard IEC 61000−4−2 with CDischarge = 150 pF, RDischarge = 330 W, VP = 3.3 V, VN grounded.
3. From I/O pins to VP or VN only. VP bypassed to VN with low ESR 0.2 mF ceramic capacitor.
PERFORMANCE CHARACTERISTICS
Figure 1. Typical Variation of CIN vs. VIN
(f = 1 MHz, VP= 3.3 V, VN = 0 V, 0.1 mF Chip Capacitor between VP and VN, TA = 255C)


Similar Part No. - CM1216-08MR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1216-08MR CALMIRCO-CM1216-08MR Datasheet
392Kb / 9P
   6- and 8-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1216-08MR ONSEMI-CM1216-08MR Datasheet
213Kb / 13P
   6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
More results

Similar Description - CM1216-08MR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1216 ONSEMI-CM1216 Datasheet
213Kb / 13P
   6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
logo
California Micro Device...
CM1216 CALMIRCO-CM1216 Datasheet
392Kb / 9P
   6- and 8-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
   4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com