Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLSG801M100JH0C Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # MLSG801M100JH0C
Description  Withstands more than 80,000 feet altitude
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLSG801M100JH0C Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  MLSG801M100JH0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLSG801M100JH0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLSG801M100JH0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLSG801M100JH0C Datasheet HTML 4Page - Cornell Dubilier Electronics MLSG801M100JH0C Datasheet HTML 5Page - Cornell Dubilier Electronics MLSG801M100JH0C Datasheet HTML 6Page - Cornell Dubilier Electronics MLSG801M100JH0C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings
Cap
Part
Number
Ω 120 Hz
25 ºC
Cat. ESR
Ω 10 KHz
25 ºC
Cat. ESR
Ripple (A)
Case @ 85°C
120Hz
Ripple (A)
Case @ 85°C
10kHz
Surge 25 ºC
Vdc
Case
Length
105 ºC
Vdc
10 Vdc @ 125 °C
12 Vdc @ 105 °C
15 Vdc Surge @ 25 °C
9500
MLSG952M010JK0C
0.096
0.091
6.9
7.1
15
1.5
12
14000
MLSG143M010JA0C
0.068
0.064
9.8
10
15
2
12
19000
MLSG193M010JH0C
0.053
0.050
12.6
12.9
15
2.5
12
24000
MLSG243M010JB0C
0.042
0.040
15.4
15.8
15
3
12
20 Vdc @ 125 °C
24 Vdc @ 105 °C
30 Vdc Surge @ 25 °C
4600
MLSG462M020JK0C
0.102
0.097
6.6
6.8
30
1.5
24
6800
MLSG682M020JA0C
0.072
0.068
9.4
9.7
30
2
24
9300
MLSG932M020JH0C
0.054
0.052
12.3
12.6
30
2.5
24
11000
MLSG113M020JB0C
0.042
0.040
15.2
15.6
30
3
24
30 Vdc @ 125 °C
36 Vdc @ 105 °C
45 Vdc Surge @ 25 °C
3300
MLSG332M030JK0C
0.103
0.098
6.6
6.8
45
1.5
36
4900
MLSG492M030JA0C
0.072
0.069
9.5
9.7
45
2
36
6700
MLSG672M030JH0C
0.055
0.053
12.3
12.6
45
2.5
36
8500
MLSG852M030JB0C
0.043
0.041
14.9
15.3
45
3
36
40 Vdc @ 125 °C
48 Vdc @ 105 °C
60 Vdc Surge @ 25 °C
2300
MLSG232M040JK0C
0.105
0.100
6.6
6.8
60
1.5
48
3400
MLSG342M040JA0C
0.072
0.068
9.5
9.7
60
2
48
4600
MLSG462M040JH0C
0.056
0.053
12.3
12.6
60
2.5
48
5900
MLSG592M040JB0C
0.045
0.043
14.9
15.3
60
3
48
50 Vdc @ 125 °C
60 Vdc @ 105 °C
75 Vdc Surge @ 25 °C
1600
MLSG162M050JK0C
0.108
0.101
6.6
6.8
75
1.5
60
2500
MLSG252M050JA0C
0.073
0.700
9.5
9.7
75
2
60
3400
MLSG342M050JH0C
0.056
0.053
12.3
12.6
75
2.5
60
4300
MLSG432M050JB0C
0.046
0.043
14.9
15.3
75
3
60
60 Vdc @ 125 °C
60 Vdc @ 105 °C
90 Vdc Surge @ 25 °C
1000
MLSG102M060JK0C
0.109
0.103
6.5
6.6
90
1.5
72
1500
MLSG152M060JA0C
0.074
0.071
9.3
9.6
90
2
72
2100
MLSG212M060JH0C
0.057
0.054
12.1
12.4
90
2.5
72
2600
MLSG262M060JB0C
0.047
0.044
14.7
15
90
3
72
75 Vdc @ 125 °C
90 Vdc @ 105 °C
112 Vdc Surge @ 25 °C
790
MLSG791M075JK0C
0.246
0.234
4.0
4.2
112.5
1.5
90
1100
MLSG112M075JA0C
0.200
0.190
5.0
5.2
112.5
2
90
1500
MLSG152M075JH0C
0.148
0.141
6.2
6.5
112.5
2.5
90
2000
MLSG202M075JB0C
0.096
0.091
8.2
8.5
112.5
3
90
100 Vdc @ 125 °C
120 Vdc @ 105 °C
150 Vdc Surge @ 25 °C
400
MLSG401M100JK0C
0.960
0.768
2
2.4
150
1.5
120
600
MLSG601M100JA0C
0.634
0.507
2.8
3.6
150
2
120
800
MLSG801M100JH0C
0.484
0.387
3.6
4.6
150
2.5
120
1000
MLSG102M100JB0C
0.387
0.310
4.4
5.7
150
3
120
150 Vdc @ 125 °C
180 Vdc @ 105 °C
225 Vdc Surge @ 25 °C
200
MLSG201M150JK0C
0.960
0.768
2
2.4
225
1.5
180
300
MLSG301M150JA0C
0.634
0.507
2.8
3.6
225
2
180
400
MLSG401M150JH0C
0.484
0.387
3.6
4.6
225
2.5
180
500
MLSG501M150JB0C
0.387
0.310
4.4
5.7
225
3
180
200 Vdc @ 125 °C
250 Vdc @ 105 °C
300 Vdc Surge @ 25 °C
190
MLSG191M200JK0C
1.274
1.019
1.9
2.1
300
1.5
250
280
MLSG281M200JA0C
0.845
0.676
2.8
3.1
300
2
250
380
MLSG381M200JH0C
0.634
0.508
3.6
4.1
300
2.5
250
490
MLSG491M200JB0C
0.507
0.406
4.4
5
300
3
250
250 Vdc @ 125 °C
275 Vdc @ 105 °C
350 Vdc Surge @ 25 °C
140
MLSG141M250JK0C
1.200
0.960
1.9
2.2
350
1.5
300
220
MLSG221M250JA0C
0.792
0.634
2.9
3.2
350
2
300
300
MLSG301M250JH0C
0.605
0.484
3.7
4.2
350
2.5
300
380
MLSG381M250JB0C
0.484
0.387
4.5
5.1
350
3
300
Type MLSG – Slimpack, 5000 hr@125 ºC, Aluminum Electrolytic


Similar Part No. - MLSG801M100JH0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSG801M100JH0C CDE-MLSG801M100JH0C Datasheet
333Kb / 7P
   Aluminum Electrolytic
More results

Similar Description - MLSG801M100JH0C

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4052 NJSEMI-1N4052 Datasheet
111Kb / 1P
   Standard Rectifier (trr more than 500ns)
logo
Mallory Sonalert Produc...
PMO-4530PN-47UQ MSPI-PMO-4530PN-47UQ Datasheet
107Kb / 1P
   S/N Ration More than 58 dB
PMO-6022PN-48KDQ MSPI-PMO-6022PN-48KDQ Datasheet
87Kb / 1P
   S/N Ration More than 58 dB
logo
MERITEK ELECTRONICS COR...
CI MERITEK-CI Datasheet
144Kb / 1P
   Reduction in required real estate (more than 50%)
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V25611AT-50H RENESAS-HN29V25611AT-50H Datasheet
349Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
   512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com