Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLSG401M200EA0A Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # MLSG401M200EA0A
Description  Available with High Vibration and High Reliability Options
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLSG401M200EA0A Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  MLSG401M200EA0A Datasheet HTML 1Page - Cornell Dubilier Electronics MLSG401M200EA0A Datasheet HTML 2Page - Cornell Dubilier Electronics MLSG401M200EA0A Datasheet HTML 3Page - Cornell Dubilier Electronics MLSG401M200EA0A Datasheet HTML 4Page - Cornell Dubilier Electronics MLSG401M200EA0A Datasheet HTML 5Page - Cornell Dubilier Electronics MLSG401M200EA0A Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings
Type MLSG – Flatpack, 5000 hr@125 ºC, Aluminum Electrolytic
ESR max
25 °C (mΩ)
120 Hz
Ripple (A)
Case @ 85°C
120 Hz
Voltage
Cap
(µF)
Catalog Part Number
20
kHz
20
kHz
Length
(inches)
20 Vdc @ 125 °C
24 Vdc @ 105 °C
30 Vdc Surge @ 25 °C
6,800
MLSG682M020EK0C
84
69
11
12.2
1.5
17,000
MLSG173M020EB0A
33
27
17.6
19.5
3.0
40 Vdc @ 125 °C
48 Vdc @ 105 °C
60 Vdc Surge @ 25 °C
4,400
MLSG442M040EK0C
97
70
10.3
12.1
1.5
6,300
MLSG632M040EA0A
62
46
12.9
15
2.0
10,000
MLSG103M040EB0C
36
27
16.9
19.5
3.0
60 Vdc @ 125 °C
65 Vdc @ 105 °C
90 Vdc Surge @ 25 °C
1,500
MLSG152M060EK0A
106
77
9.8
11.5
1.5
2,100
MLSG212M060EA0A
72
52
11.9
14.1
2.0
3,300
MLSG332M060EB0C
44
31
15.3
18.2
3.0
100 Vdc @ 125 °C
120 Vdc @ 105 °C
150 Vdc Surge @ 25 °C
500
MLSG501M100EK0A
355
248
5.4
6.4
1.5
770
MLSG771M100EA0C
238
166
6.6
7.8
2.0
1,300
MLSG132M100EB0D
143
100
8.5
10.1
3.0
150 Vdc @ 125 °C
180 Vdc @ 105 °C
225 Vdc Surge @ 25 °C
360
MLSG361M150EK1A
388
253
5.1
6.4
1.5
540
MLSG541M150EA1A
261
168
6.3
7.8
2.0
900
MLSG901M150EB0C
158
100
8.1
10.1
3.0
200 Vdc @ 125 °C
250 Vdc @ 105 °C
300 Vdc Surge @ 25 °C
280
MLSG281M200EK1A
426
258
4.9
6.2
1.5
400
MLSG401M200EA0A
285
172
6
7.7
2.0
720
MLSG721M200EB0C
172
103
7.7
10
3.0
250 Vdc @ 125 °C
275 Vdc @ 105 °C
300 Vdc Surge @ 25 °C
220
MLSG221M250EK0C
597
393
4.1
5.1
1.5
560
MLSG561M250EB0C
240
157
6.5
8.1
3.0
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
Type MLSG Operating Life in Years vs Ripple Current
55°C
65°C
75°C
85°C
95°C
105°
115°C
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
Type MLSG Operating Life in Kilohours vs Ripple Current
55°C
65°C
75°C
85°C
95°C
105°
115°C
Typical Performance Curves


Similar Part No. - MLSG401M200EA0A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSG401M200EA0A CDE-MLSG401M200EA0A Datasheet
421Kb / 6P
   Available with High Vibration and High Reliability Options
More results

Similar Description - MLSG401M200EA0A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSG CDE-MLSG_18 Datasheet
421Kb / 6P
   Available with High Vibration and High Reliability Options
MLS CDE-MLS_18 Datasheet
1,017Kb / 6P
   Now Available with High Vibration and High Reliability Options
MLS CDE-MLS Datasheet
301Kb / 6P
   Now Available with High Vibration and High Reliability Options
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_12 Datasheet
177Kb / 1P
   High stability and high reliability 2.7 to 5.5V drive available
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
   High shock and vibration resistance
logo
Linx Technologies
OTX-ACC-RTR-32-LD LINX-OTX-ACC-RTR-32-LD Datasheet
336Kb / 1P
   Custom options available for high volume orders
12/14/12
logo
Murata Manufacturing Co...
CSTNE14M7V53C000R0 MURATA-CSTNE14M7V53C000R0 Datasheet
185Kb / 2P
   High reliability and available for a wide temperature range
logo
EUROQUARTZ limited
CX3HGSMAT EUROQUARTZ-CX3HGSMAT Datasheet
124Kb / 1P
   Very high shock and vibration survival
logo
PETERMANN-TECHNIK
M4518 PETERMANN-M4518 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
M4517 PETERMANN-M4517 Datasheet
139Kb / 3P
   HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com