Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLSG143M010JA0C Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # MLSG143M010JA0C
Description  Withstands more than 80,000 feet altitude
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLSG143M010JA0C Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  MLSG143M010JA0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLSG143M010JA0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLSG143M010JA0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLSG143M010JA0C Datasheet HTML 4Page - Cornell Dubilier Electronics MLSG143M010JA0C Datasheet HTML 5Page - Cornell Dubilier Electronics MLSG143M010JA0C Datasheet HTML 6Page - Cornell Dubilier Electronics MLSG143M010JA0C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Typical Performance Curves
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Part # MLSG122M060JKOC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
10
100
1000
10000
100000
1000000
Freq (Hz)
Cap vs. Frequency & Temp
125
105
85
65
45
25
0
-20
-40
-55
0.01
0.1
1.0
10.0
1
10
100
1000
10000
100000
1000000
Freq (Hz)
ESR vs. Frequency & Temp
125
105
85
65
45
25
0
-20
-40
-55
0.01
0.1
1.0
10.0
100.0
1
10
100
1000
10000
100000
1000000
Freq (Hz)
|Z| vs. Frequency & Temp
125
105
85
65
45
25
0
-20
-40
-55
Type MLSG – Slimpack, 5000 hr@125 ºC, Aluminum Electrolytic


Similar Part No. - MLSG143M010JA0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSG143M010JA0C CDE-MLSG143M010JA0C Datasheet
333Kb / 7P
   Aluminum Electrolytic
More results

Similar Description - MLSG143M010JA0C

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4052 NJSEMI-1N4052 Datasheet
111Kb / 1P
   Standard Rectifier (trr more than 500ns)
logo
Mallory Sonalert Produc...
PMO-4530PN-47UQ MSPI-PMO-4530PN-47UQ Datasheet
107Kb / 1P
   S/N Ration More than 58 dB
PMO-6022PN-48KDQ MSPI-PMO-6022PN-48KDQ Datasheet
87Kb / 1P
   S/N Ration More than 58 dB
logo
MERITEK ELECTRONICS COR...
CI MERITEK-CI Datasheet
144Kb / 1P
   Reduction in required real estate (more than 50%)
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V25611AT-50H RENESAS-HN29V25611AT-50H Datasheet
349Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
   512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com