Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380LX392M080K042 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 380LX392M080K042
Description  Latest available ratings, worldwide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX392M080K042 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  380LX392M080K042 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LX392M080K042 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LX392M080K042 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LX392M080K042 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX392M080K042 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX392M080K042 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX392M080K042 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX392M080K042 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX392M080K042 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
±
382LX
272
M
200
N05
2
V
Case
Type
Cap
Tolerance
Voltage
Code Insulation
# of pins
380L / LX (2 pins)
272 = 2700 µF
M = ±20% 200 = 200 Vdc
2 = PVC
Blank = 2 pins / 4 pins snap-in 6.3mm L
382L / LX (4 or 5 pins) 333 = 33000 µF
A = 2 pins snap-in 4.0mm L
VS = 5 pins snap-in 6.3mm L
V = 5 pins standoff
Outline Drawings
Connection
Terminal
40 mm Dia.
50 mm Dia.
A
dummy
negative (–)
B
dummy
dummy
C
positive (+)
positive (+)
D
dummy
positive (+)
negative (–)
negative (–)
Notes:
* Use dummy terminals for mechanical support only. Make
no electrical connection because they resistively connect
through the electrolyte to the negative terminal.
** Safety Vent may be on the bottom or on the side of the can.
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Part Numbering System
Two Pins
380L/LX (22 through 40 mm diameter)
Four Pins
382L/LX (35, 40 and 45mm diameter)
Five Pins
382L/LX (40 and 50mm diameter)
Available in 5 pins
Available in 2 and 4 pins
1.5 0.2
2.0max.
6.3 mm pin length
Top of
Capacitor
Body
0.8
+0.2
-0.1
Available in 2, 4 and 5 pins
Top of
Capacitor
Body
1.5 0.1
0.6 min.
0.7
3.75 0.1
5 pin Standoff pin
style (add “V” to end
of part#)
1.5 0.2
2.0max.
4.0 mm pin length
option (add “A” to end
of part#)
Top of
Capacitor
Body
0.8 +0.2
-0.1
3.5
Available in 2 and 4 pins
6.3 pin length
4.0 pin length
Dimensions shown are in mm
L ± 2 max.
L ± 2 max.


Similar Part No. - 380LX392M080K042

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LX392M080K042 CDE-380LX392M080K042 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX392M080K042

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M8208 PETERMANN-M8208_15 Datasheet
631Kb / 3P
   Worldwide cheapest available SMD-Watch-Crystal
logo
STMicroelectronics
STH12N120K5-2 STMICROELECTRONICS-STH12N120K5-2 Datasheet
812Kb / 21P
   Worldwide best FOM
April 2015 Rev 4
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
logo
STMicroelectronics
STD8N80K5 STMICROELECTRONICS-STD8N80K5 Datasheet
1Mb / 17P
   Worldwide best FOM
March 2013 Rev 2
logo
XP Power Limited
AEM60 XPPOWER-AEM60 Datasheet
143Kb / 2P
   Worldwide Medical Approvals
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Cherry Semiconductor Co...
E33-00K CHERRY-E33-00K Datasheet
1Mb / 5P
   8 Contact Ratings DC ratings optional
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com