Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCP1206H103J-H2 Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # FCP1206H103J-H2
Description  Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCP1206H103J-H2 Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  FCP1206H103J-H2 Datasheet HTML 1Page - Cornell Dubilier Electronics FCP1206H103J-H2 Datasheet HTML 2Page - Cornell Dubilier Electronics FCP1206H103J-H2 Datasheet HTML 3Page - Cornell Dubilier Electronics FCP1206H103J-H2 Datasheet HTML 4Page - Cornell Dubilier Electronics FCP1206H103J-H2 Datasheet HTML 5Page - Cornell Dubilier Electronics FCP1206H103J-H2 Datasheet HTML 6Page - Cornell Dubilier Electronics FCP1206H103J-H2 Datasheet HTML 7Page - Cornell Dubilier Electronics FCP1206H103J-H2 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Type FCP Surface Mount Film Capacitors
Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
0.00
0.50
1.00
1.50
10
100
1000
Frequency (kHz)
.039 uF
.033 uF
.027 uF
.012 uF
.015 uF
.022 uF
.018 uF
FCP 1210 50 Vdc Rating Vrms and Arms vs. Frequency
10
100
10
100
1000
Frequency (kHz)
.012 uF
.039 uF
.033 uF
.027 uF
.022 uF
.015 uF
10
100
10
100
Vrms
Frequency (kHz)
0.047 uF
0.22 uF
0.18 uF
0.15 uF
0.12 uF
0.10 uF
0.082 uF
0.068 uF
0.056 uF
30Vrms
FCP 1913 & 2416 50 Vdc Rating Vrms and Arms vs. Frequency
0.00
0.50
1.00
1.50
10
100
Frequency (kHz)
0.047 uF
0.056 uF
0.068 uF
0.082 uF
0.10 uF
0.12 uF
0.15 uF
0.18 uF
0.22 uF
1
10
100
10
100
1000
Frequency (kHz)
Maximum AC Voltage FCP 16Vdc Series
100pF - 0.1 µF
11 Vrms
The capacitor surface temperature should not exceed 125 ºC.


Similar Part No. - FCP1206H103J-H2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCP1206H103J-H2 CDE-FCP1206H103J-H2 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
More results

Similar Description - FCP1206H103J-H2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCN-KIT2 ETC2-FCN-KIT2 Datasheet
492Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Cornell Dubilier Electr...
FCN CDE-FCN Datasheet
599Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com