Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFK106M80E16T-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # AFK106M80E16T-F
Description  SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK106M80E16T-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  AFK106M80E16T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AFK106M80E16T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AFK106M80E16T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AFK106M80E16T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AFK106M80E16T-F Datasheet HTML 5Page - Cornell Dubilier Electronics AFK106M80E16T-F Datasheet HTML 6Page - Cornell Dubilier Electronics AFK106M80E16T-F Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type AFK –55 °C to 105 °C
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Type AFK –55 °C to 105 °C
Typical Performance Curves
Cap
(µF)
Catalog
Part Number
Max.
DCL
2 min
(µA)
Max.
Dissipation
Factor
@120 Hz/20 °C
Max.
ESR
@100 kHz/20 °C
(Ω )
Impedance
@ 100 kHz/20 °C
(Ω)
Max.
Ripple Current
@ 100 kHz/105 °C
(mA)
Case
Code
Size
D x L
(mm)
Quantity
per Reel
50 Vdc ( 63 Vdc Surge )
150 AFK157M50G24T-F
75.0
0.10
0.180
0.180
670
G
10 x 10.2
500
220 AFK227M50G24T-F
110.0
0.10
0.180
0.180
670
G
10 x 10.2
500
330 AFK337M50H32T-F
165.0
0.10
0.120
0.120
900
H
12.5 x 13.5
200
390 AFK397M50H32T-F
195.0
0.10
0.120
0.120
900
H
12.5 x 13.6
200
470 AFK477M50P44T-F
235.0
0.10
0.073
0.073
1610
P
16 x 16.5
125
560 AFK567M50P44T-F
280.0
0.10
0.073
0.073
1610
P
16 x 16.5
125
680 AFK687M50P44T-F
340.0
0.10
0.073
0.073
1610
P
16 x 16.5
125
1000 AFK108M50P44T-F
500.0
0.10
0.073
0.073
1610
P
16 x 16.5
125
63 Vdc ( 75 Vdc Surge )
4.7 AFK475M63C12T-F
3.0
0.08
3.000
3.000
50
C
5 x 5.8
1000
10 AFK106M63D16T-F
6.3
0.08
1.500
1.500
80
D
6.3 x 5.8
1000
22 AFK226M63X16T-F
13.9
0.08
1.200
1.200
120
X
6.3 x 7.7
900
22 AFK226M63E16T-F
13.9
0.08
1.200
1.200
120
E
8 x 6.2
1000
33 AFK336M63F24T-F
20.8
0.08
0.650
0.650
250
F
8 x 10.2
500
47 AFK476M63F24T-F
29.6
0.08
0.650
0.650
250
F
8 x 10.2
500
68 AFK686M63G24T-F
42.8
0.08
0.350
0.350
400
G
10 x 10.2
500
100 AFK107M63G24T-F
63.0
0.08
0.350
0.350
400
G
10 x 10.2
500
150 AFK157M63H32T-F
94.5
0.08
0.160
0.160
800
H
12.5 x 13.5
200
220 AFK227M63H32T-F
138.6
0.08
0.160
0.160
800
H
12.5 x 13.5
200
470 AFK477M63P44T-F
296.1
0.08
0.082
0.082
1410
P
16 x 16.5
125
680 AFK687M63R44T-F
428.4
0.08
0.080
0.080
1690
R
18 x 16.5
125
80 Vdc ( 100 Vdc Surge )
3.3 AFK335M80C12T-F
3.0
0.08
5.00
5.00
25
C
5 x 5.8
1000
4.7 AFK475M80D16T-F
3.8
0.08
3.00
3.00
40
D
6.3 x 5.8
1000
10.0 AFK106M80X16T-F
8.0
0.08
2.40
2.40
60
X
6.3 x 7.7
900
10.0 AFK106M80E16T-F
8.0
0.08
2.40
2.40
60
E
8 x 6.2
1000
22.0 AFK226M80F24T-F
17.6
0.08
1.30
1.30
130
F
8 x 10.2
500
33.0 AFK336M80F24T-F
26.4
0.08
1.30
1.30
130
F
8 x 10.2
500
47.0 AFK476M80G24T-F
37.6
0.08
0.70
0.70
200
G
10 x 10.2
500
68.0 AFK686M80H32T-F
54.4
0.08
0.32
0.32
500
H
12.5 x 13.5
200
100.0 AFK107M80H32T-F
80.0
0.08
0.32
0.32
500
H
12.5 x 13.5
200
150.0 AFK157M80H32T-F
120.0
0.08
0.32
0.32
500
H
12.5 x 13.5
200
330.0 AFK337M80P44T-F
264.0
0.08
0.17
0.17
793
P
16 x 16.5
125
470.0 AFK477M80R44T-F
376.0
0.08
0.15
0.15
917
R
18 x 16.5
125
100 Vdc (125 Vdc Surge )
22.0 AFK226M2AF24T-F
22.0
0.07
1.30
1.30
130
F
8 x 10.2
500
33.0 AFK336M2AG24T-F
33.0
0.07
0.70
0.70
200
G
10 x 10.2
500
47.0 AFK476M2AH32T-F
47.0
0.07
0.32
0.32
500
H
12.5 x 13.5
200
68.0 AFK686M2AH32T-F
68.0
0.07
0.32
0.32
500
H
12.5 x 13.5
200
100.0 AFK107M2AP44T-F 100.0
0.07
0.17
0.17
793
P
16 x 16.5
125
150.0 AFK157M2AP44T-F 150.0
0.07
0.17
0.17
793
P
16 x 16.5
125
220.0 AFK227M2AR44T-F 220.0
0.07
0.15
0.15
917
R
18 x 16.5
125
330.0 AFK337M2AR44T-F 330.0
0.07
0.15
0.15
917
R
18 x 16.5
125


Similar Part No. - AFK106M80E16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK106M80E16T-F CDE-AFK106M80E16T-F Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results

Similar Description - AFK106M80E16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
V-CHIP-KIT4 CDE-V-CHIP-KIT4 Datasheet
171Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com