Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

715P12398L Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 715P12398L
Description  Low dissipation factor.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

715P12398L Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  715P12398L Datasheet HTML 1Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 2Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 3Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 4Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 5Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 6Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 7Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 8Page - Cornell Dubilier Electronics 715P12398L Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ordering/Part Number Information
715P
222
5
6
J
D
3
(XXXX)
A suffix may be added by
the factory to denote special
construction.
Lead Length 1 = 0.187 (4.7) ±0.030 (0.8)
2 = 0.250 (6.4) ±0.030 (0.8)
3 = 1.250 (32.0) Minimum
(Other lead lengths available)
Terminal A = Straight Lead (1.25 Min. lead length)
B,F = Hairpin Crimp
C = Captive Crimp1
D,G,H = Hockey Stick Crimp
Case Code See Standard S izes/Ratings Table
D-C Voltage Rating Expressed in Hundreds of Volts
Capacitance Tolerance 9 = ±10%; 5 = ±5%; 3 =±3%; 2 = ±2%; 1 = ±1%
Capacitance Expressed in Picofarads. The first two digits are the significant figures,
the third is the number of zeros following, (i.e. 222 = 2200 pF = .0022 µF)
CDE Type Number Identifies the basic capacitor design.
715P Round profile, 716P Pressed profile
1
Terminal C has a fixed lead length of 0.156 (4.0) ±0.020 (0.5), therefore it is not necessary to indicate the lead
length digit when ordering. Available for "L" case code parts only
Please note:
While it is not possible to list every capacitance value, tolerance, or design/size variation available,
our flexibility in design and manufacturing gives us the ability to quickly, and cost effectively, provide
you with the capacitor you require. Please contact us today with your specific needs!
Dimensions in inches, metric (mm) in parenthesis.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 715P, Orange Drop®, Polypropylene Film/Foil Capacitors


Similar Part No. - 715P12398L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
715P12398L VISHAY-715P12398L Datasheet
148Kb / 7P
   Polypropylene Film Capacitors ORANGE DROP® , Low Loss
Revision 13-Nov-03
More results

Similar Description - 715P12398L

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MA MERITEK-MA Datasheet
1Mb / 14P
   Low dissipation factor
logo
Cornell Dubilier Electr...
716P CDE-716P Datasheet
381Kb / 15P
   Extremely low dissipation factor
logo
Vishay Siliconix
2DFO VISHAY-2DFO Datasheet
123Kb / 2P
   Low Dissipation Factor Disc Capacitors
Revision 14-May-02
logo
Illinois Capacitor, Inc...
FSB ILLINOISCAPACITOR-FSB Datasheet
222Kb / 2P
   High voltage ??Low Leakage ??low dissipation Factor
logo
MERITEK ELECTRONICS COR...
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
   Low dissipation factor (DF), excellent for high frequency
logo
STMicroelectronics
AN2385 STMICROELECTRONICS-AN2385 Datasheet
632Kb / 14P
   Power dissipation and its linear derating factor
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
   Low Power Dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
   Low power dissipation
Rev. 1.2, 14-Oct-14
logo
Unisonic Technologies
U74LVC1G86G-AE5-R UTC-U74LVC1G86G-AE5-R Datasheet
204Kb / 5P
   Low power dissipation
U74LVC1G139G-S08-R UTC-U74LVC1G139G-S08-R Datasheet
205Kb / 5P
   Low power dissipation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com