Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DME2W10K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DME2W10K-F
Description  Type DME Polyester Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DME2W10K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DME2W10K-F Datasheet HTML 1Page - Cornell Dubilier Electronics DME2W10K-F Datasheet HTML 2Page - Cornell Dubilier Electronics DME2W10K-F Datasheet HTML 3Page - Cornell Dubilier Electronics DME2W10K-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com
Type DME Polyester Film Capacitors
Cap.
Catalog
T Max.
H Max.
L Max.
S ±.04 (±1.0)
d
dV/dt
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm) Inches (mm) Inches (mm) V/μs
100 Vdc
0.56 DME1P56K-F
0.217
(5.5)
0.429 (10.9) 0.492 (12.5) 0.394 (10.0) 0.024 (0.6) 16
0.68 DME1P68K-F
0.236
(6.0)
0.469 (11.9) 0.492 (12.5) 0.394 (10.0) 0.024 (0.6) 16
0.82 DME1P82K-F
0.256
(6.5)
0.531 (13.5) 0.492 (12.5) 0.394 (10.0) 0.024 (0.6) 16
1.00 DME1W1K-F
0.276
(7.0)
0.551 (14.0) 0.492 (12.5) 0.394 (10.0) 0.024 (0.6) 16
1.20 DME1W1P2K-F
0.217
(5.5)
0.504 (12.8) 0.728 (18.5) 0.591 (15.0) 0.024 (0.6) 10
1.50 DME1W1P5K-F
0.256
(6.5)
0.528 (13.4) 0.728 (18.5) 0.591 (15.0) 0.032 (0.8) 10
1.80 DME1W1P8K-F
0.256
(6.5)
0.571 (14.5) 0.728 (18.5) 0.591 (15.0) 0.032 (0.8) 10
2.20 DME1W2P2K-F
0.295
(7.5)
0.610 (15.5) 0.728 (18.5) 0.591 (15.0) 0.032 (0.8) 10
2.70 DME1W2P7K-F
0.315
(8.0)
0.630 (16.0) 0.728 (18.5) 0.591 (15.0) 0.032 (0.8) 10
3.30 DME1W3P3K-F
0.354
(9.0)
0.650 (16.5) 0.728 (18.5) 0.591 (15.0) 0.032 (0.8) 10
3.90 DME1W3P9K-F
0.276
(7.0)
0.646 (16.4) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
4.70 DME1W4P7K-F
0.315
(8.0)
0.669 (17.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
5.60 DME1W5P6K-F
0.354
(9.0)
0.689 (17.5) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
6.80 DME1W6P8K-F
0.374
(9.5)
0.728 (18.5) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
8.20 DME1W8P2K-F
0.394 (10.0) 0.787 (20.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
10.00 DME1W10K-F
0.453 (11.5) 0.827 (21.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
Metallized Radial Leads
Specifications
Ratings
NOTE: Refer to Application Guide for test conditions.
Contact us for other capacitance values, sizes and performance specifications.
DC Applications
Miniature Size
Voltage Range: 100-1000 Vdc
Capacitance Range: .01-10 µF
Capacitance Tolerance: ±10% (K) standard
±5% (J) optional
Operating Temperature Range: -55 °C to 125 °C*
*Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 125 °C
Dielectric Strength: 150% (1 minute)
Dissipation Factor: 1% Max. (25 °C, 1kHz)
Insulation Resistance: 3,000 Mx µF
9,000 MMin.
Life Test: 1000 Hours at 85°C at 125% Rated Voltage
Type DME radial-leaded, mini-dipped capacitors deliver
virtually the same performance of other capacitors physically
twice as big. Improvements in film technology permit the use
of thinner dielectric.
Type DME self heals shorts caused by
overvoltage transients. For small size and low cost,
Type
DME is tops.
RoHS Compliant


Similar Part No. - DME2W10K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DME2W10K-F CDE-DME2W10K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
More results

Similar Description - DME2W10K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DMT CDE-DMT_18 Datasheet
195Kb / 3P
   Type DMT, Polyester Film Capacitors
DMM CDE-DMM Datasheet
74Kb / 3P
   Type DMM Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
   POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
   Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEN MERITEK-PEN Datasheet
106Kb / 1P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
   POLYESTER FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
   Polyester Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com