Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT4D15K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DMT4D15K-F
Description  General Purpose, High Peak Currents, High Insulation Resistance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DMT4D15K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DMT4D15K-F Datasheet HTML 1Page - Cornell Dubilier Electronics DMT4D15K-F Datasheet HTML 2Page - Cornell Dubilier Electronics DMT4D15K-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com
Type DMT, Polyester Film Capacitors
Type DMT, Polyester Film Capacitors
Ratings
RoHS Compliant
d
L
MAX.
TINNED COPPER-CLAD
STEEL LEADS
S
±.050
.984 MIN.
(25)
T
MAX.
H
MAX.
.0937 MAX.
Film/Foil
Radial Leads
Specifications
General Purpose, High Peak Currents,
High Insulation Resistance
Voltage Range: 100-600 Vdc
Capacitance Range: .001-.68 µF
Capacitance Tolerance: ±10% (K) standard
±5% (J) optional
Operating Temperature Range: -55 °C to 125 °C*
*Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 125 °C
Dielectric Strength: 250% (1 minute)
Dissipation Factor: 1% Max. (25 °C, 1 kHz)
Insulation Resistance: 30,000 Mx µF
100,000 MMin.
Life Test: 500 Hours at 85 °C at 125% Rated
Voltage
NOTE: Other capacitance values, sizes and performance specifications are
available. Contact us.
Type DMT radial-leaded, polyester film/foil
noninductively wound film capacitors feature
compact size and moisture-resistive epoxy
coating. High insulation resistance and low
dissipation factor, Type DMT is an ideal choice
for most applications, especially with high peak
currents.
Cap.
Catalog
T
H
L
S
d
dV/dt
(µF)
Part Number
Inches
(mm)
Inches
(mm)
Inches
(mm)
Inches
(mm)
Inches
(mm)
V/μs
100 Vdc
0.0010 DMT1D1K-F
0.197
(5.0)
0.354
(9.0)
0.512
(13.0)
0.394
(10.0)
0.024
(0.6)
4550
0.0015 DMT1D15K-F
0.200
(5.1)
0.354
(9.0)
0.512
(13.0)
0.394
(10.0)
0.024
(0.6)
4550
0.0022 DMT1D22K-F
0.210
(5.3)
0.354
(9.0)
0.512
(13.0)
0.394
(10.0)
0.024
(0.6)
4550
0.0033 DMT1D33K-F
0.210
(5.3)
0.354
(9.0)
0.512
(13.0)
0.394
(10.0)
0.024
(0.6)
4550
0.0047 DMT1D47K-F
0.210
(5.3)
0.354
(9.0)
0.512
(13.0)
0.394
(10.0)
0.024
(0.6)
4550
0.0068 DMT1D68K-F
0.210
(5.3)
0.354
(9.0)
0.512
(13.0)
0.394
(10.0)
0.024
(0.6)
4550
0.0100 DMT1S1K-F
0.220
(5.6)
0.354
(9.0)
0.512
(13.0)
0.394
(10.0)
0.024
(0.6)
4550
0.0150 DMT1S15K-F
0.220
(5.6)
0.370
(9.4)
0.512
(13.0)
0.394
(10.0)
0.024
(0.6)
4550
0.0220 DMT1S22K-F
0.256
(6.5)
0.390
(9.9)
0.512
(13.0)
0.394
(10.0)
0.024
(0.6)
4550
0.0330 DMT1S33K-F
0.250
(6.3)
0.350
(8.9)
0.560
(14.2)
0.400
(10.2)
0.032
(0.8)
3300
0.0470 DMT1S47K-F
0.260
(6.6)
0.433
(11.0)
0.560
(14.2)
0.420
(10.7)
0.032
(0.8)
3300
0.0680 DMT1S68K-F
0.275
(7.0)
0.460
(11.7)
0.560
(14.2)
0.420
(10.7)
0.032
(0.8)
3300
0.1000 DMT1P1K-F
0.290
(7.4)
0.445
(11.3)
0.682
(17.3)
0.545
(13.8)
0.032
(0.8)
2100
0.1500 DMT1P15K-F
0.350
(8.9)
0.490
(12.4)
0.682
(17.3)
0.545
(13.8)
0.032
(0.8)
2100
0.2200 DMT1P22K-F
0.360
(9.1)
0.520
(13.2)
0.820
(20.8)
0.670
(17.0)
0.032
(0.8)
1600
0.3300 DMT1P33K-F
0.390
(9.9)
0.560
(14.2)
0.942
(23.9)
0.795
(20.2)
0.032
(0.8)
1600
0.4700 DMT1P47K-F
0.420
(10.7)
0.600
(15.2)
1.080
(27.4)
0.920
(23.4)
0.032
(0.8)
1050


Similar Part No. - DMT4D15K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMT4D15K-F ETC2-DMT4D15K-F Datasheet
375Kb / 3P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
DMT4D15K-F CDE-DMT4D15K-F Datasheet
375Kb / 3P
   Polyester Film Capacitors General Purpose, High Peak Currents, High Insulation Resistance
DMT4D15K-F CDE-DMT4D15K-F Datasheet
195Kb / 3P
   Type DMT, Polyester Film Capacitors
More results

Similar Description - DMT4D15K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DMT1D1K-F CDE-DMT1D1K-F Datasheet
375Kb / 3P
   Polyester Film Capacitors General Purpose, High Peak Currents, High Insulation Resistance
DPPS10D1K-F CDE-DPPS10D1K-F Datasheet
241Kb / 2P
   High Voltage, High Frequency, Ultra High Peak Currents
logo
DB Lectro Inc
95D DBLECTRO-95D Datasheet
1Mb / 4P
   High Insulation Resistance
90D DBLECTRO-90D Datasheet
778Kb / 2P
   High Insulation Resistance
95D-1A14N4 DBLECTRO-95D-1A14N4 Datasheet
1,008Kb / 2P
   HIGH INSULATION RESISTANCE REED RELAYS
logo
ON Semiconductor
P3PS550AH ONSEMI-P3PS550AH Datasheet
125Kb / 6P
   High Drive General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
logo
Illinois Capacitor, Inc...
PPB ILLINOISCAPACITOR-PPB Datasheet
428Kb / 3P
   High Pulse Currents - High voltage
logo
Cynergy3 Co
D-HR CYNERGY3-D-HR Datasheet
73Kb / 2P
   High Insulation Resistance, High Voltage Relays -10kV and 15kV
logo
Illinois Capacitor, Inc...
PPR ILLINOISCAPACITOR-PPR Datasheet
343Kb / 3P
   High Pulse Currents - High voltage
logo
Cynergy3 Co
S8-HR CYNERGY3-S8-HR Datasheet
153Kb / 1P
   UL Approved* Miniature High Voltage Relay with High Insulation Resistance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com