Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C12095 Datasheet(PDF) 2 Page - Cree, Inc

Part # C12095
Description  Minnie series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C12095 Datasheet(HTML) 2 Page - Cree, Inc

  C12095_14 Datasheet HTML 1Page - Cree, Inc C12095_14 Datasheet HTML 2Page - Cree, Inc C12095_14 Datasheet HTML 3Page - Cree, Inc C12095_14 Datasheet HTML 4Page - Cree, Inc C12095_14 Datasheet HTML 5Page - Cree, Inc C12095_14 Datasheet HTML 6Page - Cree, Inc C12095_14 Datasheet HTML 7Page - Cree, Inc C12095_14 Datasheet HTML 8Page - Cree, Inc C12095_14 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
0%
25%
50%
75%
100%
-50
-40
-30
-20
-10
0
10
20
30
40
50
Relative intensity of C12095_MINNIE-M / CA12239_MINNIE-M


Similar Part No. - C12095_14

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12095 CREE-C12095 Datasheet
1Mb / 10P
   Minnie series
logo
Ledil, Inc.
C12095 LEDIL-C12095 Datasheet
4Mb / 6P
   ~25째 medium beam
More results

Similar Description - C12095_14

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA14434 CREE-CA14434 Datasheet
597Kb / 11P
   Minnie series
CA12882 CREE-CA12882 Datasheet
513Kb / 10P
   Minnie series
CA12883 CREE-CA12883 Datasheet
490Kb / 11P
   Minnie series
CA12881 CREE-CA12881 Datasheet
609Kb / 12P
   Minnie series
CA14433 CREE-CA14433 Datasheet
459Kb / 9P
   Minnie series
C11862 CREE-C11862_14 Datasheet
675Kb / 15P
   Minnie series
C12097 CREE-C12097_14 Datasheet
858Kb / 17P
   Minnie series
C12095 CREE-C12095 Datasheet
1Mb / 10P
   Minnie series
C13526 CREE-C13526 Datasheet
419Kb / 9P
   Minnie series
CA13892 CREE-CA13892 Datasheet
339Kb / 9P
   Minnie series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com