Electronic Components Datasheet Search |
|
CMR03F301JOYR Datasheet(PDF) 4 Page - Cornell Dubilier Electronics |
|
CMR03F301JOYR Datasheet(HTML) 4 Page - Cornell Dubilier Electronics |
4 / 6 page CDE Cornell Dubilier •1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8564•Fax: (508)996-3830• www.cde.com Type CMR , High-Reliability, Mica Capacitors Specifications Capacitance is within tolerance when measured at these frequencies: 1 - 1000 pF @ 1 MHz > 1000 pF @ 1 Khz Dissipation Factor limits are below. Measure dissipation factor at 1 MHz when the capacitance is 1 pF to 1000 pF, and at 1 kHz when the capacitance is greater than 1000 pF. Dissipation factor is equal to DF = 2pfRC, where f is the test frequency, R is the equivalent series resistance, and C is the capaci- tance. For other capacitance values, see Figure 1. Capacitance Dissipation Factor 100-1000 pF 0.00075 max at 1 MHz 1100-3300 pF 0.0014 max at 1 kHz 3600-9100 pF 0.0013 max at 1 kHz 10,000 pF 0.0012 max at 1 kHz Quality Factor (Q) is the reciprocal of dissipation factor. Insulation Resistance for capacitanc- es up to 10,000 pF is greater than 100 G. at 25 ºC, greater then 10 G. at 125 ºC, and greater than 5 G. at 150 ºC. For other capacitance values and tempera- tures, see Figure 2. Withstanding Voltage is two times the rated voltage, and can be applied up to 5 seconds without damage. Temperature Coefficient and Capaci- tance Drift measure the capacitors’ capacitance at 25 ºC, -55 ºC, 25 ºC, 125 ºC (or 150 ºC) and at 25 ºC after stabilizing at each temperature. The capaciance will meet the limits of the Characteristic table shown in Ordering Information. Failure Rate: Type CMR capacitors have specified failure rate levels ranging from 0.01% to 1.0% per 1000 hours. The fail- ure rate level is established at 90% confi- dence level and is referred to operation- al life at full rated voltage at maximum rated temperature. High Voltage Stabilization: We sub- ject capacitors with Failure Levels M, P, and R to a burn-in at twice rated voltage, at rated temperature, for a minimum of 48 hours. Capacitors that show dam- age, arcing, breakdown, or low IR are removed. We reject the lot if more then 8% of the capacitors fail. Solderability: After an 8-hour steam aging, coat leads with a rosin flux (R) and immerse in molten 245 ºC ±5 ºC 60/40 tin/lead solder. Solder coverage will be no less than 95% when examined at 10X magnification. Life Test: Subject the capacitors to maximum operating temperature (+125 ºC or +150 ºC) with 1.5 times rated volt- age applied for 10,000 hours. Take readings and make visual observations every 2000 hours. There will be no visual damage and the capacitors will meet the after-test limits on the following page. Resistance to Solvents: Subject the capacitors to three cycles of 3 minute immersion in solvent, 10 strokes with bristle brush and, where applicable, ½ minute in vapor, per MIL-STD-202, Method 215. Repeat the three cycles for three solvent mixtures: Isolpropyl alchol mixture (Solvent 1), azeotrope mixture (Solvent 3), and water/propylene-glycol mixture (Solvent 4). The marking will not rub off or smear and there will be no visible damage to the capacitor body. Refer to MIL-STD-202 for details. Resistance to Soldering Heat: Capac- itors will meet the requirements of MIL- STD-202, Method 210 Test Condition G. Immerse capacitor leads to within .250 inches (6.4 mm) of the body in molten tin/lead solder (260 ºC ±5 ºC) for 10 ±2 seconds. Allow to cool. Capacitors will meet the after-test limits on the follow- ing page. Marking of capacitors conforms to method I of MIL-STD-1285, and includes the type designation, “JAN,” brand, trademark, source code, date code, rat- ed voltage, capacitance, capacitance tolerance, and the highest rated tem- perature. Small capacitors are marked with the letter “J”. |
Similar Part No. - CMR03F301JOYR |
|
Similar Description - CMR03F301JOYR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |