Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

716P22394K Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 716P22394K
Description  Extremely low dissipation factor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

716P22394K Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  716P22394K Datasheet HTML 1Page - Cornell Dubilier Electronics 716P22394K Datasheet HTML 2Page - Cornell Dubilier Electronics 716P22394K Datasheet HTML 3Page - Cornell Dubilier Electronics 716P22394K Datasheet HTML 4Page - Cornell Dubilier Electronics 716P22394K Datasheet HTML 5Page - Cornell Dubilier Electronics 716P22394K Datasheet HTML 6Page - Cornell Dubilier Electronics 716P22394K Datasheet HTML 7Page - Cornell Dubilier Electronics 716P22394K Datasheet HTML 8Page - Cornell Dubilier Electronics 716P22394K Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Standard Lead Styles
TERMINAL A
TERMINAL B,F
TERMINAL D,G,H
TERMINAL C
Standard Lead Spacings
CASE
CODE
N
J
K
L
M
S
, inches (metric, mm in parentheses)
Term. A
0.394 (10)
0.500 (12.7)
0.688 (17.5)
1.031 (26.2)
1.406 (35.7)
Term. B
0.394 (10)
0.500 (12.7)
0.688 (17.5)
0.969 (24.6)
1.344 (34.1)
Term. D
0.375 (9.5)
0.375 (9.5)
0.719 (18.3)
1.094 (27.8)
Term. C *
0.886 (22.5)
Term. F
0.295 (7.5)
0.394 (10)
0.590 (15)
0.886 (22.5)
Term. G
0.197 (5)
0.295 (7.5)
0.394 (10)
0.590 (15)
1.083 (27.5)
Term. H
0.197 (5)
0.295 (7.5)
* Terminal C is designed for printed circuit boards requiring a lead spacing of 0.886 (22.5) with board hole sizes of 0.044 (1.1)
to 0.048 (1.2) in diameter. Available for "L" case code parts only. Please consult us if you have a specific requirement.
Standard Marking Format
Sample Marking
on unit
CDE716P600V
222J 9810
CDE
716P
600V
222J
9810
CDE Electronics identification
Type number
D-C Voltage rating, Volts
Capacitance and tolerance code
Weekly date code
(i.e. 10th week of 1998)
Description
Tolerance codes
per EIA Standards
H
J
K
±3%
±5%
±10%
---
---
---
---
---
---
---
---
---
High Performance
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 7 1
olypropylene Film/Foil Capacitors
6 P, Orange Drop, P


Similar Part No. - 716P22394K

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
716 JMK-716 Datasheet
38Kb / 1P
   The 0716 & 0718 series filters provide excellent general filtering for Wye or Delta power configurations.
logo
List of Unclassifed Man...
716 ETC2-716 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
Japan Aviation Electron...
716 JAE-716 Datasheet
289Kb / 5P
   FREQUENCY RANGE TO 3GHz
logo
WECO ELECTRICAL CONNECT...
716 WECO-716 Datasheet
127Kb / 1P
   Motor terminal boards similar to DIN 46294
12.19
logo
Qualtek Electronics Cor...
716-10-28 QUALTEK-716-10-28 Datasheet
348Kb / 1P
   AC RECEPTACLE
More results

Similar Description - 716P22394K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
715P CDE-715P Datasheet
493Kb / 15P
   Low dissipation factor.
logo
MERITEK ELECTRONICS COR...
MA MERITEK-MA Datasheet
1Mb / 14P
   Low dissipation factor
logo
Vishay Siliconix
2DFO VISHAY-2DFO Datasheet
123Kb / 2P
   Low Dissipation Factor Disc Capacitors
Revision 14-May-02
logo
Illinois Capacitor, Inc...
FSB ILLINOISCAPACITOR-FSB Datasheet
222Kb / 2P
   High voltage ??Low Leakage ??low dissipation Factor
logo
MERITEK ELECTRONICS COR...
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
   Low dissipation factor (DF), excellent for high frequency
logo
STMicroelectronics
AN2385 STMICROELECTRONICS-AN2385 Datasheet
632Kb / 14P
   Power dissipation and its linear derating factor
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
   Low Power Dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
   Low power dissipation
Rev. 1.2, 14-Oct-14
logo
Unisonic Technologies
U74LVC1G86G-AE5-R UTC-U74LVC1G86G-AE5-R Datasheet
204Kb / 5P
   Low power dissipation
U74LVC1G139G-S08-R UTC-U74LVC1G139G-S08-R Datasheet
205Kb / 5P
   Low power dissipation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com