Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMR03E470JOYR Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CMR03E470JOYR
Description  High-Reliability Dipped Capacitors/MIL-PRF-39001
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CMR03E470JOYR Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CMR03E470JOYR Datasheet HTML 1Page - Cornell Dubilier Electronics CMR03E470JOYR Datasheet HTML 2Page - Cornell Dubilier Electronics CMR03E470JOYR Datasheet HTML 3Page - Cornell Dubilier Electronics CMR03E470JOYR Datasheet HTML 4Page - Cornell Dubilier Electronics CMR03E470JOYR Datasheet HTML 5Page - Cornell Dubilier Electronics CMR03E470JOYR Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Type CMR , High-Reliability, Mica Capacitors
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02744Ph: (508)996-8564Fax: (508)996-3830www.cde.com
Type CMR meets requirement of MIL-PRF-39001,
Type CMR high-reliability dipped silvered mica
capacitors are ideal for high-grade ground, air-
borne, and spaceborne devices, such as comput-
ers, jetcraft, and missiles.
High-Reliability Dipped Capacitors/MIL-PRF-39001
Specifications
Voltage Range:
50 Vdc to 500 Vdc
Capacitance Range:
1 pF to 91,000 pF
Capacitance Tolerance:
±
½ pF (D), ±1% (F), ±2% (G), ±5% (J)
Temperature Range:
–55 ºC to +125 ºC (O), –55 ºC to 150 ºC (P)
P temperature range available only for
CMR04, CMR05, CMR06, CMR07, CMR08
Reliability:
Meets Requirements of MIL-PRF-39001
Established reliability to .01%/1,000 hours failure rate
Ratings and Dimensions
Cap
(pF)
Catalog
Part Number
L
H
T
S
d
Cap
(pF)
Catalog
Part Number
L
H
T
S
d
in (mm) in (mm) in (mm) in (mm) in (mm)
in (mm) in (mm) in (mm) in (mm) in (mm)
50 Vdc
150 CMR03F151JOYR .270 (6.9) .210 (5.3) .140 (3.6) .120 (3.0) .016 (.4)
22 CMR03E220DOYR .270 (6.9) .190 (4.8) .110 (2.8) .120 (3.0) .016 (.4)
160 CMR03F161JOYR .270 (6.9) .210 (5.3) .140 (3.6) .120 (3.0) .016 (.4)
24 CMR03E240DOYR .270 (6.9) .190 (4.8) .110 (2.8) .120 (3.0) .016 (.4)
180 CMR03F181JOYR .270 (6.9) .210 (5.3) .140 (3.6) .120 (3.0) .016 (.4)
27 CMR03E270JOYR .270 (6.9) .190 (4.8) .110 (2.8) .120 (3.0) .016 (.4)
200 CMR03F201JOYR .270 (6.9) .220 (5.6) .150 (3.8) .120 (3.0) .016 (.4)
30 CMR03E300JOYR .270 (6.9) .190 (4.8) .110 (2.8) .120 (3.0) .016 (.4)
220 CMR03F221JOYR .270 (6.9) .220 (5.6) .150 (3.8) .120 (3.0) .016 (.4)
33 CMR03E330JOYR .270 (6.9) .190 (4.8) .110 (2.8) .120 (3.0) .016 (.4)
240 CMR03F241JOYR .270 (6.9) .220 (5.6) .160 (4.1) .120 (3.0) .016 (.4)
36 CMR03E360JOYR .270 (6.9) .190 (4.8) .110 (2.8) .120 (3.0) .016 (.4)
270 CMR03F271JOYR .270 (6.9) .230 (5.8) .160 (4.1) .120 (3.0) .016 (.4)
39 CMR03E390JOYR .270 (6.9) .190 (4.8) .120 (3.0) .120 (3.0) .016 (.4)
300 CMR03F301JOYR .270 (6.9) .230 (5.8) .170 (4.3) .120 (3.0) .016 (.4)
43 CMR03E430JOYR .270 (6.9) .190 (4.8) .120 (3.0) .120 (3.0) .016 (.4)
330 CMR03F331JOYR .270 (6.9) .240 (6.1) .180 (4.6) .120 (3.0) .016 (.4)
47 CMR03E470JOYR .270 (6.9) .190 (4.8) .120 (3.0) .120 (3.0) .016 (.4)
360 CMR03F361JOYR .270 (6.9) .240 (6.1) .180 (4.6) .120 (3.0) .016 (.4)
51 CMR03E510JOYR .270 (6.9) .190 (4.8) .120 (3.0) .120 (3.0) .016 (.4)
390 CMR03F391JOYR .270 (6.9) .250 (6.4) .190 (4.8) .120 (3.0) .016 (.4)
56 CMR03E560JOYR .270 (6.9) .200 (5.1) .120 (3.0) .120 (3.0) .016 (.4)
400 CMR03F401JOYR .270 (6.9) .250 (6.4) .190 (4.8) .120 (3.0) .016 (.4)
62 CMR03E620JOYR .270 (6.9) .200 (5.1) .120 (3.0) .120 (3.0) .016 (.4)
100 Vdc
68 CMR03E680JOYR .270 (6.9) .200 (5.1) .120 (3.0) .120 (3.0) .016 (.4)
15 CMR03C150DOAR .270 (6.9) .190 (4.8) .110 (2.8) .120 (3.0) .016 (.4)
75 CMR03E750JOYR .270 (6.9) .200 (5.1) .120 (3.0) .120 (3.0) .016 (.4)
18 CMR03C180DOAR .270 (6.9) .190 (4.8) .110 (2.8) .120 (3.0) .016 (.4)
82 CMR03E820JOYR .270 (6.9) .200 (5.1) .120 (3.0) .120 (3.0) .016 (.4)
20 CMR03E200DOAR .270 (6.9) .190 (4.8) .110 (2.8) .120 (3.0) .016 (.4)
91 CMR03F910JOYR .270 (6.9) .200 (5.1) .130 (3.3) .120 (3.0) .016 (.4)
22 CMR03E220DOAR .270 (6.9) .190 (4.8) .120 (3.0) .120 (3.0) .016 (.4)
100 CMR03F101JOYR .270 (6.9) .200 (5.1) .130 (3.3) .120 (3.0) .016 (.4)
24 CMR03E240DOAR .270 (6.9) .190 (4.8) .120 (3.0) .120 (3.0) .016 (.4)
110 CMR03F111JOYR .270 (6.9) .200 (5.1) .130 (3.3) .120 (3.0) .016 (.4)
27 CMR03E270JOAR .270 (6.9) .190 (4.8) .120 (3.0) .120 (3.0) .016 (.4)
120 CMR03F121JOYR .270 (6.9) .200 (5.1) .130 (3.3) .120 (3.0) .016 (.4)
30 CMR03E300JOAR .270 ( 6.9) .200 ( 5.1) .120 ( 3.0) .120 ( 3.0) .016 ( .4)
130 CMR03F131JOYR .270 (6.9) .210 (5.3) .130 (3.3) .120 (3.0) .016 (.4)
33 CMR03E330JOAR .270 ( 6.9) .200 ( 5.1) .120 ( 3.0) .120 ( 3.0) .016 ( .4)


Similar Part No. - CMR03E470JOYR

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CMR03E470JOYR CDE-CMR03E470JOYR Datasheet
305Kb / 6P
   High-Reliability Dipped Capacitors/MIL-PRF-39001
More results

Similar Description - CMR03E470JOYR

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CMR05E270JODM CDE-CMR05E270JODM Datasheet
305Kb / 6P
   High-Reliability Dipped Capacitors/MIL-PRF-39001
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
logo
AVX Corporation
CYR51 AVX-CYR51 Datasheet
82Kb / 2P
   Glass Capacitors CYR51, 52, 53 (Established Reliability) M23269/10 (QPL to MIL-PRF-23269)
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
CYR10 AVX-CYR10 Datasheet
91Kb / 2P
   Glass Capacitors CYR10, 15 (Established Reliability) M23269/01, 02 (QPL to MIL-PRF-23269)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com