Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

716P56294J Datasheet(PDF) 9 Page - Cornell Dubilier Electronics

Part # 716P56294J
Description  Extremely low dissipation factor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

716P56294J Datasheet(HTML) 9 Page - Cornell Dubilier Electronics

Back Button 716P56294J Datasheet HTML 5Page - Cornell Dubilier Electronics 716P56294J Datasheet HTML 6Page - Cornell Dubilier Electronics 716P56294J Datasheet HTML 7Page - Cornell Dubilier Electronics 716P56294J Datasheet HTML 8Page - Cornell Dubilier Electronics 716P56294J Datasheet HTML 9Page - Cornell Dubilier Electronics 716P56294J Datasheet HTML 10Page - Cornell Dubilier Electronics 716P56294J Datasheet HTML 11Page - Cornell Dubilier Electronics 716P56294J Datasheet HTML 12Page - Cornell Dubilier Electronics 716P56294J Datasheet HTML 13Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
dV/dt Specifications
Maximum Pulse Rise Time (dv/dt) in Volts/µsec
Cap
Value (µF)
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
100V
-
-
-
-
-
-
-
-
-
4100
3700
3400
3000
2800
2500
2200
2000
1700
1500
1400
1300
1100
1000
900
800
700
700
600
500
-
-
-
-
-
-
200V
-
-
-
-
-
-
-
-
-
-
4600
4200
3800
3400
3100
2800
2500
2300
2100
1800
1600
1500
1300
1200
1100
910
820
740
670
620
560
520
430
400
360
400V
20700
18900
16900
15400
14000
12600
11400
10500
9500
8700
7900
7200
6500
6000
5300
4400
4000
3600
3200
3000
2700
2500
2300
1900
1700
1600
1400
1300
1200
1100
880
810
740
-
-
-
-
600V
20700
18900
16900
15400
14000
12600
11400
10500
9500
8700
7900
7200
6500
5400
4800
4400
4000
3600
3200
3000
2500
2300
2100
1900
1700
1600
1300
1200
1100
-
-
-
-
-
-
-
-
800V/
1000V
-
-
-
-
-
-
-
-
16400
14900
13600
12300
11200
10000
9200
8300
7500
6800
6200
5700
5200
4700
4000
3600
3300
-
-
-
-
-
-
-
-
-
-
-
1200V
43200
39500
35300
32200
29100
25000
22600
20800
18900
17400
15700
14300
13000
11900
10600
9700
8800
7900
6600
6100
5600
5100
-
-
-
-
-
-
-
-
-
-
1600V/
2000V
43200
39500
35300
32200
29100
26300
23800
21900
19900
18300
16600
15100
13700
12500
10300
9400
8500
7700
7000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Note: dV/dt ratings based on measurements made at junction of the wire leads and capacitor body.
For additional information on Pulse Rise Time (dV/dt) please refer to the
Technical Reference section of this catalog. For more specific data or assistance
with a specific application just give us a call.
-
-
-
-
-
-
-
-
-
-
High Performance
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 716P, Orange Drop®, Polypropylene Film/Foil Capacitors


Similar Part No. - 716P56294J

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
716 JMK-716 Datasheet
38Kb / 1P
   The 0716 & 0718 series filters provide excellent general filtering for Wye or Delta power configurations.
logo
List of Unclassifed Man...
716 ETC2-716 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
Japan Aviation Electron...
716 JAE-716 Datasheet
289Kb / 5P
   FREQUENCY RANGE TO 3GHz
logo
WECO ELECTRICAL CONNECT...
716 WECO-716 Datasheet
127Kb / 1P
   Motor terminal boards similar to DIN 46294
12.19
logo
Qualtek Electronics Cor...
716-10-28 QUALTEK-716-10-28 Datasheet
348Kb / 1P
   AC RECEPTACLE
More results

Similar Description - 716P56294J

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
715P CDE-715P Datasheet
493Kb / 15P
   Low dissipation factor.
logo
MERITEK ELECTRONICS COR...
MA MERITEK-MA Datasheet
1Mb / 14P
   Low dissipation factor
logo
Vishay Siliconix
2DFO VISHAY-2DFO Datasheet
123Kb / 2P
   Low Dissipation Factor Disc Capacitors
Revision 14-May-02
logo
Illinois Capacitor, Inc...
FSB ILLINOISCAPACITOR-FSB Datasheet
222Kb / 2P
   High voltage ??Low Leakage ??low dissipation Factor
logo
MERITEK ELECTRONICS COR...
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
   Low dissipation factor (DF), excellent for high frequency
logo
STMicroelectronics
AN2385 STMICROELECTRONICS-AN2385 Datasheet
632Kb / 14P
   Power dissipation and its linear derating factor
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
   Low Power Dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
   Low power dissipation
Rev. 1.2, 14-Oct-14
logo
Unisonic Technologies
U74LVC1G86G-AE5-R UTC-U74LVC1G86G-AE5-R Datasheet
204Kb / 5P
   Low power dissipation
U74LVC1G139G-S08-R UTC-U74LVC1G139G-S08-R Datasheet
205Kb / 5P
   Low power dissipation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com