Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1020CT_T0_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB1020CT_T0_00001
Description  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1020CT_T0_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB1020CT_T0_00001 Datasheet HTML 1Page - Pan Jit International Inc. SB1020CT_T0_00001 Datasheet HTML 2Page - Pan Jit International Inc. SB1020CT_T0_00001 Datasheet HTML 3Page - Pan Jit International Inc. SB1020CT_T0_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
October 24,2016-REV.07
SB1020CT~SB1060CT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volt
10 Ampere
CURRENT
MECHANCAL DATA
• Case: TO-220AB Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.067 ounces, 1.89 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTE:
Both Bonding and Chip structure are available.
PA RA M E TE R
S YM B O L S B 1 0 20C T S B 1030C T S B 1 040C T S B 1045C T S B 1050 C T S B 1 0 60C T
UNITS
M a xi m um Re c ur r ent P eak Re ve r s e Vo lt a g e
V
RR M
20
30
4 0
45
50
60
V
Ma xi m um RM S Vo lta g e
V
RMS
14
21
2 8
31. 5
3 5
4 2
V
Ma xi m um D C B lo c k i ng Vo lt a g e
V
DC
20
30
4 0
45
50
60
V
M a xi m um A ver age For war d C ur r ent
0. 375" ( 9 .5 m m ) lead le ng t h at T
C = 100
OC
I
F(A V )
10
A
P e a k F o r war d S ur ge C ur r e nt : 8.3m s s i ng le
ha lf s i ne - wave s uper i m p o se d on r a ted load
I
FS M
150
A
M a xi m um For war d Vo lt age at 5 A per le g
V
F
0.55
0.75
V
Ma xi m um D C Re ve rs e C urr e nt a t
Ra ted D C B lock i ng Vo lt ag e
T
A =2 5
O C
T
A = 100
O C
I
R
0. 2
50
mA
Typ i ca l The r m a l Re si st a nce
R
θJC
3. 0
OC / W
Oper a t i ng Junc t i on and S tor age Te m p e r atur e
Ra ng e
TJ,TSTG
- 50 t o + 125
OC


Similar Part No. - SB1020CT_T0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1020CT WTE-SB1020CT_06 Datasheet
50Kb / 4P
   10A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1020CT PANJIT-SB1020CT_10 Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
SB1020CT CTC-SB1020CT_15 Datasheet
74Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB1020CT_T0_00001

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com