Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225P27392X Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 225P27392X
Description  Radial-lead. Pressed profile
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

225P27392X Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  225P27392X Datasheet HTML 1Page - Cornell Dubilier Electronics 225P27392X Datasheet HTML 2Page - Cornell Dubilier Electronics 225P27392X Datasheet HTML 3Page - Cornell Dubilier Electronics 225P27392X Datasheet HTML 4Page - Cornell Dubilier Electronics 225P27392X Datasheet HTML 5Page - Cornell Dubilier Electronics 225P27392X Datasheet HTML 6Page - Cornell Dubilier Electronics 225P27392X Datasheet HTML 7Page - Cornell Dubilier Electronics 225P27392X Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ordering/Part Number information
Standard Marking Format
Sample Marking
on unit
CDE225P100V
104K 9810
Description
CDE - CDE Electronics identification
225P - Type number
100V - D-C Voltage rating, Volts
104K - Capacitance and tolerance code
9810 - Weekly date code
(i.e. 10th week of 1998)
Tolerance codes
per EIA Standards
J
±5%
K
±10%
M
±20%
225P
104
9
1
W
D
3
(XXXX)
A suffix may be added by
the factory to denote special
construction.
Lead Length
1 = 0.187 (4.7) ± 0.030 (0.8)
2 = 0.250 (6.4) ± 0.030 (0.8)
3 = 1.250 (32) Minimum
Custom lead lengths available upon request.
Terminal
A = Straight Lead
B,F = Hairpin Crimp
D,G,H = Hockey Stick Crimp
Case Code
See Standard Sizes/Ratings Table
D-C Voltage Rating
Expressed in Hundreds of Volts
Capacitance Tolerance
0 = ±20%; 9 = ±10%; 5 = ±5%
Capacitance
Expressed in Picofarads. The first two digits are the significant figures,
the third is the number of zeros following, (i.e. 104 = 100000 pF = . 1 µF)
CDE Type Number
Identifies the basic capacitor design.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 225P, Orange Drop®, Polyester Film/Foil Capacitors


Similar Part No. - 225P27392X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
225P27291W ETC1-225P27291W Datasheet
240Kb / 7P
   Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
225P27491X ETC1-225P27491X Datasheet
240Kb / 7P
   Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
More results

Similar Description - 225P27392X

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226SAK250M ILLINOISCAPACITOR-226SAK250M Datasheet
107Kb / 1P
   Radial Lead Low Profile
226SAK400M ILLINOISCAPACITOR-226SAK400M Datasheet
107Kb / 1P
   Radial Lead Low Profile
336STF025M ILLINOISCAPACITOR-336STF025M Datasheet
132Kb / 1P
   Radial Lead Low Profile
336SAK200M ILLINOISCAPACITOR-336SAK200M Datasheet
132Kb / 1P
   Radial Lead Low Profile
337PUM6R3M ILLINOISCAPACITOR-337PUM6R3M Datasheet
132Kb / 1P
   Radial Lead Low Profile
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
110Kb / 1P
   Radial Lead Low Profile
228FXM025M ILLINOISCAPACITOR-228FXM025M Datasheet
108Kb / 1P
   Radial Lead Low Profile
338FXM025M ILLINOISCAPACITOR-338FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
338SAK010M ILLINOISCAPACITOR-338SAK010M Datasheet
133Kb / 1P
   Radial Lead Low Profile
478FXM025M ILLINOISCAPACITOR-478FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com