Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

940C8P15K-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 940C8P15K-F
Description  High dV/dt for Snubber Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

940C8P15K-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  940C8P15K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 940C8P15K-F Datasheet HTML 2Page - Cornell Dubilier Electronics 940C8P15K-F Datasheet HTML 3Page - Cornell Dubilier Electronics 940C8P15K-F Datasheet HTML 4Page - Cornell Dubilier Electronics 940C8P15K-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
RMS Voltage vs Frequency @ 25 ºC
0
50
100
150
200
250
300
10
100
1000
10000
100000
Frequency (Hz)
940C/ 941C - 600 Vdc
0.1 µF
0.47 µF
1 µF
0
100
200
300
400
500
10
100
1000
10000
100000
Frequency (Hz)
940C/ 941C - 850 Vdc
0.15 µF
0.68 µF
2.2 µF
0
100
200
300
400
500
600
10
100
1000
10000
100000
Frequency (Hz)
940C/ 941C - 1000 Vdc
0.15 µF
0.47 µF
2 µF
0
100
200
300
400
500
600
10
100
1000
10000
100000
Frequency (Hz)
940C/ 941C - 1200 Vdc
0.1 µF
0.47 µF
1 µF
0
100
200
300
400
500
600
10
100
1000
10000
100000
Frequency (Hz)
940C/ 941C - 1600 Vdc
0.1 µF
0.47 µF
1.5 µF
0
100
200
300
400
500
600
10
100
1000
10000
100000
Frequency (Hz)
940C/ 941C - 2000 Vdc
0.022 µF
0.22 µF
1 µF
Type 940C, Polypropylene Capacitors, for Pulse, Snubber
High dV/dt for Snubber Applications


Similar Part No. - 940C8P15K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
940C8P15K-F ETC2-940C8P15K-F Datasheet
285Kb / 3P
   High dV/dt, Round Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
940C8P15K-F CDE-940C8P15K-F Datasheet
285Kb / 3P
   Type 940C through 943C Power Film Capacitors
More results

Similar Description - 940C8P15K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
942C CDE-942C Datasheet
285Kb / 6P
   Very High dV/dt for Snubber Applications
SCD CDE-SCD Datasheet
104Kb / 4P
   High dV/dt Direct Mount IGBT Snubber
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
C28 SURGE-C28 Datasheet
3Mb / 11P
   High dv/dt ability
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
   Extremely high dv/dt ruggedness
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
   Extremely high dv/dt capability
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
   Extremely high dv/dt ruggedness
September 2015 Rev 1
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com