Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

935C1W5K-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 935C1W5K-F
Description  High Current Capacitors for Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

935C1W5K-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  935C1W5K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 935C1W5K-F Datasheet HTML 2Page - Cornell Dubilier Electronics 935C1W5K-F Datasheet HTML 3Page - Cornell Dubilier Electronics 935C1W5K-F Datasheet HTML 4Page - Cornell Dubilier Electronics 935C1W5K-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Ratings
Max. ESR
Max. Ripple Current Amps RMS 20-100 kHz
Cap.
Catalog
D
L
d
20-100 kHz dV/dt
Case Temperature
(µF)
Part Number
mm
mm
mm
(mΩ)
(V/μs)
25 ºC 35 ºC 45 ºC 55 ºC 65 ºC 75 ºC 85 ºC
100 Vdc (70 Vac)
1
935C1W1K-F
11.9 ± 1.6
19.0
0.8
15
25
9.2
8.5
7.8
7.0
6.0
4.9
4.5
2
935C1W2K-F
13.6 ± 1.6
23.8
0.8
12
16
10.8
10.0
9.1
8.2
7.0
5.8
5.3
3
935C1W3K-F
15.8 ± 2.4
23.8
1.0
11
16
12.1
11.2
10.3
9.2
8.0
6.5
5.9
5
935C1W5K-F
16.3 ± 2.4
31.7
1.0
10
10
13.8
12.7
11.6
10.4
9.0
7.4
6.7
10
935C1W10K-F
20.4 ± 2.4
38.1
1.0
9
8
15.0
15.0
14.2
12.7
11.0
9.0
8.2
20
935C1W20K-F
22.2 ± 3.2
57.1
1.0
8
5
15.0
15.0
15.0
15.0
13.6 11.1
10.0
30
935C1W30K-F
27.3 ± 3.2
57.1
1.0
6
5
15.0
15.0
15.0
15.0
15.0 12.4
11.4
200 Vdc (140 Vac)
1
935C2W1K-F
11.4 ± 1.6
31.7
0.8
20
15
7.3
7.3
7.3
7.3
7.2
5.9
5.4
2
935C2W2K-F
15.4 ± 2.4
31.7
0.8
15
15
12.0
12.0
11.3
10.1
8.7
7.1
6.5
3
935C2W3K-F
16.6 ± 2.4
38.1
1.0
13
12
15.0
13.8
12.6
11.3
9.8
8.0
7.3
5
935C2W5K-F
19.5 ± 2.4
44.4
1.0
11
9
15.0
15.0
14.7
13.1
11.4
9.3
8.5
10
935C2W10K-F
23.0 ± 3.2
57.1
1.0
9
7
15.0
15.0
15.0
15.0
13.8 11.3
10.3
20
935C2W20K-F
33.4 ± 3.2
57.1
1.0
6
7
15.0
15.0
15.0
15.0
15.0 14.1
12.8
400 Vdc (250 Vac)
1
935C4W1K-F
15.7 ± 2.4
38.1
0.8
19
19
9.5
9.5
9.5
9.5
9.5
7.8
7.1
2
935C4W2K-F
20.4 ± 2.4
44.4
1.0
15
16
15.0
15.0
15.0
13.4
11.6
9.5
8.7
3
935C4W3K-F
24.4 ± 3.2
44.4
1.0
12
16
15.0
15.0
15.0
15.0
13.1 10.7
9.8
5
935C4W5K-F
27.1 ± 3.2
57.1
1.0
10
11
15.0
15.0
15.0
15.0
15.0 12.5
11.4
10
935C4W10K-F
39.2 ± 3.2
57.1
1.0
6
11
15.0
15.0
15.0
15.0
15.0 15.0
14.1
935
C
1
P
22
K
–F
Capacitance
RoHS
Compliant
Indicator
Termination
Capacitance
Significant
Tolerance
Series
Code
Voltage Code
Decimal Point
Figures (µF)
Code
935
C = Tinned Copper Wire
1 = 100 Vdc
W = No decimal
K = ±10%
H = Copper Lugs
2 = 200 Vdc
point
J = ± 5%
4 = 400 Vdc
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Part Numbering System
Wire Leads
Type 935C, Metallized Polypropylene Capacitors for High Frequency Filtering
High Current Capacitors for Switching Power Supplies
NOTE: Other ratings, sizes and performance specifications are available. Contact us.


Similar Part No. - 935C1W5K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
935C1W5K-F CDE-935C1W5K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
935C1W5K-F CDE-935C1W5K-F Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
More results

Similar Description - 935C1W5K-F

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
1693 BK-1693 Datasheet
2Mb / 3P
   High Current Switching DC Power Supplies
logo
Cornell Dubilier Electr...
DPM2S1K-F CDE-DPM2S1K-F Datasheet
264Kb / 2P
   Polypropylene Film Capacitors Great for High Frequency Switching Power Supplies
DPM CDE-DPM Datasheet
264Kb / 3P
   Great for High Frequency Switching Power Supplies
SLP CDE-SLP Datasheet
369Kb / 9P
   Best for switching power supplies
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Sanken electric
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com