Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225P82391W Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # 225P82391W
Description  Radial-lead. Pressed profile
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

225P82391W Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  225P82391W Datasheet HTML 1Page - Cornell Dubilier Electronics 225P82391W Datasheet HTML 2Page - Cornell Dubilier Electronics 225P82391W Datasheet HTML 3Page - Cornell Dubilier Electronics 225P82391W Datasheet HTML 4Page - Cornell Dubilier Electronics 225P82391W Datasheet HTML 5Page - Cornell Dubilier Electronics 225P82391W Datasheet HTML 6Page - Cornell Dubilier Electronics 225P82391W Datasheet HTML 7Page - Cornell Dubilier Electronics 225P82391W Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
dV/dt Specifications
Maximum Pulse Rise Time (dV/dt) in Volts/µsec
Cap
Value (µF)
100V
200V
400V
600V
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
12200
11100
9900
9100
8200
7400
6700
6200
5600
5100
4700
4200
3800
3500
3100
2900
2600
2300
2100
1900
1800
1600
1500
1300
1200
1000
900
800
700
700
600
600
500
400
400
400
300
14800
13500
12100
11100
10000
9000
8200
7500
6800
6300
5700
5200
4700
4300
3800
3500
3200
2900
2600
2400
2200
2000
1800
1600
1500
1400
1200
1000
800
700
700
600
600
500
21000
19100
17100
15600
14100
12800
11500
10600
9700
8900
8000
7300
6600
6100
5400
4900
4500
4000
3700
3400
3100
2800
2500
2300
2100
1900
1500
1400
1300
1200
1000
1000
900
23300
21300
19000
17400
15700
14200
12800
11800
10700
9800
8900
8100
7400
6700
6000
5500
5000
4500
4100
3700
3400
3100
2800
2300
2100
1900
1700
1600
1400
Note: dV/dt ratings based on measurements made at the
junction of the wire leads and capacitor body.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 225P, Orange Drop®, Polyester Film/Foil Capacitors


Similar Part No. - 225P82391W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
225P82391W ETC1-225P82391W Datasheet
240Kb / 7P
   Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
More results

Similar Description - 225P82391W

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226SAK250M ILLINOISCAPACITOR-226SAK250M Datasheet
107Kb / 1P
   Radial Lead Low Profile
226SAK400M ILLINOISCAPACITOR-226SAK400M Datasheet
107Kb / 1P
   Radial Lead Low Profile
336STF025M ILLINOISCAPACITOR-336STF025M Datasheet
132Kb / 1P
   Radial Lead Low Profile
336SAK200M ILLINOISCAPACITOR-336SAK200M Datasheet
132Kb / 1P
   Radial Lead Low Profile
337PUM6R3M ILLINOISCAPACITOR-337PUM6R3M Datasheet
132Kb / 1P
   Radial Lead Low Profile
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
110Kb / 1P
   Radial Lead Low Profile
228FXM025M ILLINOISCAPACITOR-228FXM025M Datasheet
108Kb / 1P
   Radial Lead Low Profile
338FXM025M ILLINOISCAPACITOR-338FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
338SAK010M ILLINOISCAPACITOR-338SAK010M Datasheet
133Kb / 1P
   Radial Lead Low Profile
478FXM025M ILLINOISCAPACITOR-478FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com