Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

167 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 167
Description  Bulk, tape and reel or ammo pack
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

167 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  167 Datasheet HTML 1Page - Cornell Dubilier Electronics 167 Datasheet HTML 2Page - Cornell Dubilier Electronics 167 Datasheet HTML 3Page - Cornell Dubilier Electronics 167 Datasheet HTML 4Page - Cornell Dubilier Electronics 167 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type 167/184 Metallized Polyester Radial Lead Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Specifications
Radial Box Metallized Polyester Capacitors for Automatic Insertion
Highlights
• Ruggedplasticcase
• CaseandepoxyfillmeetsUL94V0
• 7.5mm(0.3)leadspacing
• Bulk,tapeandreelorammopack
• Non-inductivelywound
• Non-polar
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Withstand Voltage:
Dissipation Factor (DF):
0.001µFto1.0µF
63Vdcto630Vdc
±5%,±10%,±20%
–55ºCto+125ºC(with50%Vdcderating>85ºC)
1.6xratedvoltagefor2sec@+25ºC±5ºC
tanδ x10–4at25ºC±5ºC
TheType167/184seriesradialleadmetallizedpolyes-
terboxcapacitorsareavailableinbulk(Type167)oron
ammopackorradialtapeandreel(Type184).These
capacitorsareconstructedinruggedrectangularplas-
ticcasesandallcomewith7.5mm(0.3)leadspacing.
Theyaregoodforgeneralpurposeapplicationssuch
asbypass,decoupling,energystorage/dischargeand
arcsuppression.
Total Self Inductance (L):
Maximum Pulse Rise Time (dv/dt):
Iftheworkingvoltage(V)islessthanthenominalvoltage(Vn),
thecapacitorcanworkathigherdv/dt.Inthiscase,themaximum
valueallowedisobtainedbymultiplyingtheabovevaluewith
theratioVn/V.
Approximately8nH
kHz
tanδ x 10–4
1
≤100
10
≤150
Vn
V/µs
63
12
100
20
250
32
400
41
630
70
RoHS Compliant
Long Term Stability (after two years)
Storage
StandardEnvironmentalConditions
Performance
CapacitanceChange∆C/C
≤ ±3%


Similar Part No. - 167

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1670 ETC2-1670 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Heyco.
1670 HEYCO-1670 Datasheet
112Kb / 1P
   Shorty Plugs
logo
OptoDiode Corp
16700 OPTODIODE-16700 Datasheet
1Mb / 9P
   High-Speed Infrared Emitter with Integrated Drive Electronics
logo
ITT Industries
167000-1400 ITT-167000-1400 Datasheet
69Kb / 1P
   BNC CRIMP PLUG, 75 - OHM FOR RG734 CABLE, R/A
167000-1402 ITT-167000-1402 Datasheet
45Kb / 1P
   CONTACT PIN, CRIMPING FOR RG734/RG735 CABLE
More results

Similar Description - 167

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V12ZT1 LITTELFUSE-V12ZT1 Datasheet
471Kb / 14P
   Available in tape and reel or bulk pack
logo
Cornell Dubilier Electr...
150 CDE-150 Datasheet
391Kb / 4P
   Available on tape and reel or bulk
logo
Murata Manufacturing Co...
DE2F3KY103MN3AM02 MURATA-DE2F3KY103MN3AM02 Datasheet
42Kb / 1P
   Ammo pack
DESD33A221KN2A MURATA-DESD33A221KN2A Datasheet
44Kb / 1P
   Ammo pack taping type
logo
Cornell Dubilier Electr...
SEK CDE-SEK Datasheet
318Kb / 8P
   Available in T&R and ammo pack
logo
Murata Manufacturing Co...
DE2E3KH332MN3A MURATA-DE2E3KH332MN3A Datasheet
45Kb / 1P
   Ammo pack taping type
logo
Anaren Microwave
1D1304-3 ANAREN-1D1304-3 Datasheet
343Kb / 2P
   Tape And Reel
X3DC07P1S ANAREN-X3DC07P1S Datasheet
455Kb / 6P
   Tape and Reel
X3DC21P1S ANAREN-X3DC21P1S Datasheet
467Kb / 6P
   Tape and Reel
logo
Semtech Corporation
1N-SS254 SEMTECH-1N-SS254 Datasheet
221Kb / 2P
   Packing Specification of 52mm Ammo Pack
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com