Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F352SPFM Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90F352SPFM
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F352SPFM Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90F352SPFM Datasheet HTML 5Page - Fujitsu Component Limited. MB90F352SPFM Datasheet HTML 6Page - Fujitsu Component Limited. MB90F352SPFM Datasheet HTML 7Page - Fujitsu Component Limited. MB90F352SPFM Datasheet HTML 8Page - Fujitsu Component Limited. MB90F352SPFM Datasheet HTML 9Page - Fujitsu Component Limited. MB90F352SPFM Datasheet HTML 10Page - Fujitsu Component Limited. MB90F352SPFM Datasheet HTML 11Page - Fujitsu Component Limited. MB90F352SPFM Datasheet HTML 12Page - Fujitsu Component Limited. MB90F352SPFM Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
MB90350 Series
9
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP64*
39
P17
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD15
Input/output pin for external bus address data bus bit 15.
This function is enabled when external bus is enabled.
40 to 43
P20 to P23
G
General purpose I/O ports. The register can be set to select whether to use
a pull-up resistor. In external bus mode, the pin is enabled as a general-
purpose I/O port when the corresponding bit in the external address output
control register (HACR) is 1.
A16 to A19
Output pins for A16 to A19 of the external address bus.
When the corresponding bit in the external address output control register
(HACR) is 0, the pins are enabled as high address output pins A16 to A19.
PPG9, PPGB,
PPGD, PPGF
Output pins for PPGs.
44
P24
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. In external bus mode, the pin is enabled as a general-
purpose I/O port when the corresponding bit in the external address output
control register (HACR) is 1.
A20
Output pins for A20 of the external address bus. When the corresponding
bit in the external address output control register (HACR) is 0, the pin is
enabled as high address output pins A20.
IN0
Data sample input pin for input capture ICU0.
51
P25
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. In external bus mode, the pin is enabled as a general-
purpose I/O port when the corresponding bit in the external address output
control register (HACR) is 1.
A21
Output pin for A21 of the external address bus. When the corresponding bit
in the external address output control register (HACR) is 0, the pin is en-
abled as high address output pin A21.
IN1
Data sample input pin for input capture ICU1.
ADTG
Trigger input pin for A/D converter.
52
P44
H
General purpose I/O port
SDA0
Serial data I/O pin for I2C 0
FRCK0
Input pin for the 16-bit I/O Timer 0
53
P45
H
General purpose I/O port.
SCL0
Serial clock I/O pin for I2C 0
FRCK1
Input for the 16-bit I/O Timer 1
54
P30
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
ALE
Address latch enable output pin. This function is enabled when external bus
is enabled.
IN4
Data sample input pin for input capture ICU4.


Similar Part No. - MB90F352SPFM

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90F352SPMC CYPRESS-MB90F352SPMC Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
More results

Similar Description - MB90F352SPFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com