Electronic Components Datasheet Search |
|
MB90F352SPFM Datasheet(PDF) 8 Page - Fujitsu Component Limited. |
|
MB90F352SPFM Datasheet(HTML) 8 Page - Fujitsu Component Limited. |
8 / 64 page MB90350 Series 8 (Continued) Pin No. Pin name Circuit type Function LQFP64* 24 to 31 P00 to P07 G General purpose I/O ports.The register can be set to select whether to use a pull-up resistor.This function is enabled in single-chip mode. AD00 to AD07 Input/output pins of external address data bus lower 8 bit. This function is enabled when the external bus is enabled. INT8 to INT15 External interrupt request input pins for INT8 to INT15. 32 P10 G General purpose I/O port.The register can be set to select whether to use a pull-up resistor.This function is enabled in single-chip mode. AD08 Input/output pin for external bus address data bus bit 8. This function is enabled when external bus is enabled. TIN1 Event input pin for reload timer1. 33 P11 G General purpose I/O.The register can be set to select whether to use a pull-up resistor.This function is enabled in single-chip mode. AD09 Input/output pin for external bus address data bus bit 9. This function is en- abled when external bus is enabled. TOT1 Output pin for reload timer1. 34 P12 N General purpose I/O port. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD10 Input/output pin for external bus address data bus bit 10. This function is enabled when external bus is enabled. SIN3 Serial data input pin for UART3. INT11R External interrupt request input pin for INT11 35 P13 G General purpose I/O port. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD11 Input/output pin for external bus address data bus bit 11. This function is enabled when external bus is enabled. SOT3 Serial data output pin for UART3. 36 P14 G General purpose I/O port. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD12 Input/output pin for external bus address data bus bit 12. This function is enabled when external bus is enabled. SCK3 Clock input/output pin for UART3. 37 P15 N General purpose I/O port. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD13 Input/output pin for external bus address data bus bit 13. This function is enabled when external bus is enabled. 38 P16 G General purpose I/O port. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD14 Input/output pin for external bus address data bus bit 14. This function is enabled when external bus is enabled. |
Similar Part No. - MB90F352SPFM |
|
Similar Description - MB90F352SPFM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |