Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F352PFM Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F352PFM
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F352PFM Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F352PFM Datasheet HTML 7Page - Fujitsu Component Limited. MB90F352PFM Datasheet HTML 8Page - Fujitsu Component Limited. MB90F352PFM Datasheet HTML 9Page - Fujitsu Component Limited. MB90F352PFM Datasheet HTML 10Page - Fujitsu Component Limited. MB90F352PFM Datasheet HTML 11Page - Fujitsu Component Limited. MB90F352PFM Datasheet HTML 12Page - Fujitsu Component Limited. MB90F352PFM Datasheet HTML 13Page - Fujitsu Component Limited. MB90F352PFM Datasheet HTML 14Page - Fujitsu Component Limited. MB90F352PFM Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
MB90350 Series
11
(Continued)
* : FPT-64P-M09
Pin No.
Pin name
Circuit
type
Function
LQFP64*
62, 63
P60, P61
I
General purpose I/O ports.
AN0, AN1
Analog input pins for A/D converter.
64
AVCC
KVCC power input pin for analog circuits.
2
AVRH
L
Reference voltage input for the A/D converter. This power supply must be
turned on or off while a voltage higher than or equal to AVRH is applied to
AVCC.
1AVSS
KVSS power input pin for analog circuits.
22, 23
MD1, MD0
C
Input pins for specifying the operating mode.
21
MD2
D
Input pins for specifying the operating mode.
49
VCC
Power (3.5 V to 5.5 V) input pin.
18, 48
VSS
Power (0 V) input pins.
50
C
K
This is the power supply stabilization capacitor pin. It should be connected
to a higher than or equal to 0.1
µF ceramic capacitor.


Similar Part No. - MB90F352PFM

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90F352PMC CYPRESS-MB90F352PMC Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
More results

Similar Description - MB90F352PFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com