Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR1040CT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MBR1040CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MBR1040CT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MBR1040CT Datasheet HTML 1Page - HY ELECTRONIC CORP. MBR1040CT Datasheet HTML 2Page - HY ELECTRONIC CORP. MBR1040CT Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Guard ring for transient protection
Low power loss,high efficiency
High current capability,low VF
High surge capacity
MECHANICAL DATA
Case: TO-220AB molded plastic
Polarity: As marked on the body
Weight: 0.08ounces,2.24 grams
Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
MBR
MBR
MBR
MBR
MBR
MBR
1030CT
1040CT
1050CT
1060CT
1080CT
10100CT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
30
40
50
60
80
100
V
Maximum Average Forward
Rectified Current ( See Fig.1)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Peak Forward Voltage (Note1)
IF=5A @TJ=25℃
IF=5A @TJ=125℃
IF=10A @TJ=25℃
IF=10A @TJ=125℃
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
4.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
0.1
15
0.80
0.90
MBR1030CT thru MBR10100CT
CHARACTERISTICS
SYMBOL
UNIT
Metal of silicon rectifier , majority carrier conduction
SCHOTTKY BARRIER RECTIFIERS
-55 to +150
3.0
300
3.0
170
220
0.80
0.85
REVERSE VOLTAGE - 30 to 100Volts
FORWARD CURRENT - 10.0 Amperes
A
0.70
Dimensions in inches and (millimeters)
V
0.95
A
I(AV)
10.0
Plastic package has UL flammability
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
classification 94V-0
IFSM
mA
IR
3.Thermal resistance junction to case.
-55 to +175
NOTES:1.300us pulse width,2% duty cycle.
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
120
VF
0.57
0.65
0.75
0.70
0.75
0.85
TO-220AB
.057(1.45)
.045(1.14)
.177
(4.5)
MAX
MAX
(3.5)
.138
.055(1.4)
.047(1.2)
.173(4.4)
.189(4.8)
.531(13.5)
.583(14.8)
.610(15.5)
.583(14.8)
.230(5.8)
.270(6.9)
.091(2.3)
.102(2.6)
.043(1.1)
.032(0.8)
.135(3.44)
.103 (2.62)
.153(3.9)
.146(3.7)
.374(9.5)
.413(10.5)
.024(0.6)
.012(0.3)


Similar Part No. - MBR1040CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
MBR1040CT SY-MBR1040CT Datasheet
306Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
MBR1040CT DIODES-MBR1040CT Datasheet
64Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
RFE international
MBR1040CT RFE-MBR1040CT Datasheet
2Mb / 3P
   Schottky Diodes
12-12-2022
logo
Micro Commercial Compon...
MBR1040CT MCC-MBR1040CT Datasheet
167Kb / 3P
   10 Amp Schott ky Barrier Rectifier 30-60 Volts
logo
Shenzhen Luguang Electr...
MBR1040CT LUGUANG-MBR1040CT Datasheet
93Kb / 2P
   ITO-220AB
More results

Similar Description - MBR1040CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com