Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3317EAP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3317EAP
Description  2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3317EAP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3317EAP Datasheet HTML 6Page - Maxim Integrated Products MAX3317EAP Datasheet HTML 7Page - Maxim Integrated Products MAX3317EAP Datasheet HTML 8Page - Maxim Integrated Products MAX3317EAP Datasheet HTML 9Page - Maxim Integrated Products MAX3317EAP Datasheet HTML 10Page - Maxim Integrated Products MAX3317EAP Datasheet HTML 11Page - Maxim Integrated Products MAX3317EAP Datasheet HTML 12Page - Maxim Integrated Products MAX3317EAP Datasheet HTML 13Page - Maxim Integrated Products MAX3317EAP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2.5V, 1µA, 460kbps,
RS-232-Compatible Transceivers
10
______________________________________________________________________________________
When shut down, the device’s charge pumps turn off,
V+ is pulled to VCC, V- is pulled to ground, the transmitter
outputs are high impedance, and READY is driven low.
The time required to exit shutdown is typically 30µs
(Figure 2).
By connecting FORCEON to INVALID, the MAX3318/
MAX3319 shut down when no valid receiver level is
detected and wake up when a valid receiver level is
detected.
A system with AutoShutdown Plus may need time to
wake up. Figure 5 shows a circuit that forces the trans-
mitters on for 100ms, allowing enough time for the other
system to realize that the MAX3318/MAX3319 is awake.
If the other system outputs valid RS-232 signal transi-
tions within that time, the RS-232 ports on both systems
remain enabled.
Connecting to the PC
(MAX3318/MAX3319)
If direct software control is desired, use INVALID to
indicate DTR or ring indicator (RI) signal. This can be
used to connect a hand-held device to a PC. One
example is using the hot sync function on a personal
digital assistant (PDA). The transmitter and receiver
signals (T_OUT and R_IN) are used for communication,
while INVALID causes a change of state on RI. The
change of state on RI will trigger an interrupt on the PC
and allow communication to begin between the device
and the PC. This eliminates the need for the PC to poll
constantly the receiver or transmitter lines to determine
if the device is connected.
Applications Information
RS-232-Compatible Operation
The MAX3316–MAX3319 do not meet EIA-232 require-
ments for transmitter output voltage levels. EIA-232 com-
pliance specifies transmitter output voltage swings of
±5V when loaded with 3k
Ω and 2500pF.
The receiver inputs are fully EIA-232 compliant.
The MAX3316–MAX3319 will function properly with most
modern RS-232 interfaces. This allows RS-232-compati-
ble communication in low-voltage systems without the
added expense of a voltage tripler or switched-mode
power supply.
Capacitor Selection
The capacitor type used for C1–C4 is not critical for
proper operation; polarized or nonpolarized capacitors
can be used. The charge pump requires 0.1µF capaci-
tors. Increasing the capacitor values (e.g., by a factor of
2) reduces ripple on the transmitter outputs and slightly
reduces power consumption. C2, C3, and C4 can be
increased without changing C1’s value. However, do
not increase C1 without also increasing the values of
+0.3V
-0.3V
INVALID
R_IN
INVALID ASSERTED IF ALL RECEIVER INPUTS ARE BETWEEN +0.3V AND -0.3V FOR
AT LEAST 30
µs.
30µs
TIMER
R
Figure 3a. INVALID Functional Diagram, INVALID Low
+2.7V
-2.7V
INVALID
R_IN
INVALID DEASSERTED IF ANY RECEIVER INPUT HAS BEEN BETWEEN +2.7V AND -2.7V
FOR LESS THAN 30
µs.
30µs
TIMER
R
Figure 3b. INVALID Functional Diagram, INVALID High
-2.7V
-0.3V
+2.7V
+0.3V
0
INDETERMINATE
INVALID HIGH
INVALID LOW
INVALID HIGH
INDETERMINATE
Figure 4a. Receiver Positive/Negative Thresholds for INVALID


Similar Part No. - MAX3317EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3317ECAP MAXIM-MAX3317ECAP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3317ECUP MAXIM-MAX3317ECUP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3317EEAP MAXIM-MAX3317EEAP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3317EEUP MAXIM-MAX3317EEUP Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results

Similar Description - MAX3317EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com