Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR306G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # FR306G
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

FR306G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  FR306G Datasheet HTML 1Page - HY ELECTRONIC CORP. FR306G Datasheet HTML 2Page - HY ELECTRONIC CORP. FR306G Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Fast switching for high efficiency
Low cost
Diffused junction
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: JEDEC DO-27 molded plastic
Polarity: Color band denotes cathode
Weight: 0.04 ounces , 1.1 grams
Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL FR301G FR302G FR303G FR304G FR305G FR306G FR307G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=75 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 3.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
Trr
250
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
4.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
IFSM
A
125
IR
1.3
5.0
100
μA
40
65
150
500
FR301G thru FR307G
FAST RECOVERY
GLASS PASSIVATED RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 3.0 Amperes
I(AV)
3.0
A
-55 to +150
-55 to +150
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient.
NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A
15
.052(1.3)
.048(1.2)
.220(5.6)
.197(5.0)
DIA.
DIA.
DO- 27
210
.375(9.5)
.335(8.5)
MIN.
.984(25.0)
MIN.
.984(25.0)


Similar Part No. - FR306G

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
FR306G JINGHENG-FR306G Datasheet
57Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR306G RECTRON-FR306G Datasheet
238Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
FR306G DAESAN-FR306G Datasheet
316Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
RFE international
FR306G RFE-FR306G Datasheet
2Mb / 3P
   Fast Recovery Rectifier FR301G Through FR307G
22-09-2022
logo
Shenzhen Taychipst Elec...
FR306G TAYCHIPST-FR306G Datasheet
1Mb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - FR306G

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR101G SY-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301G HY-FR301G_1 Datasheet
86Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N4933G CTC-1N4933G Datasheet
46Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101SG HY-FR101SG Datasheet
89Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
1N4933G HY-1N4933G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
FR151G SHUNYE-FR151G_17 Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BA157G SHUNYE-BA157G_17 Datasheet
1,014Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101G HY-FR101G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com