Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9721BEBC-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9721BEBC-T
Description  1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9721BEBC-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9721BEBC-T Datasheet HTML 6Page - Maxim Integrated Products MAX9721BEBC-T Datasheet HTML 7Page - Maxim Integrated Products MAX9721BEBC-T Datasheet HTML 8Page - Maxim Integrated Products MAX9721BEBC-T Datasheet HTML 9Page - Maxim Integrated Products MAX9721BEBC-T Datasheet HTML 10Page - Maxim Integrated Products MAX9721BEBC-T Datasheet HTML 11Page - Maxim Integrated Products MAX9721BEBC-T Datasheet HTML 12Page - Maxim Integrated Products MAX9721BEBC-T Datasheet HTML 13Page - Maxim Integrated Products MAX9721BEBC-T Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Power-Supply Bypass Capacitor (C3)
The power-supply bypass capacitor (C3) lowers the
output impedance of the power supply and reduces the
impact of the MAX9721’s charge-pump switching tran-
sients. Bypass VDD to PGND with the same value as
C1. Place C3 as close to VDD as possible.
Layout and Grounding
Proper layout and grounding are essential for optimum
performance. Connect PGND and SGND together at a
single point on the PC board. Connect PVSS to SVSS
and bypass with C2 to PGND. Bypass VDD to PGND
with C3. Place capacitors C2 and C3 as close to the
MAX9721 as possible. Route PGND, and all traces that
carry switching transients, away from SGND and the
audio signal path.
The MAX9721 does not require additional heatsinking.
The thin QFN package features an exposed paddle that
improves thermal efficiency of the package.
Ensure
that the exposed paddle is electrically isolated from
GND and VDD. Connect the exposed paddle to VSS if
necessary.
UCSP Applications Information
For the latest application details on UCSP construction,
dimensions, tape carrier information, printed circuit
board techniques, bump-pad layout , and recommend-
ed reflow temperature profile, as well as the latest infor-
mation on reliability testing results, go to Maxim’s
website at www.maxim-ic.com/ucsp for the Application
Note: UCSP—A Wafer-Level Chip-Scale Package.
Chip Information
TRANSISTOR COUNT: 2559
PROCESS: BiCMOS
1V, Fixed-Gain, DirectDrive, Stereo Headphone
Amplifier with Shutdown
10
______________________________________________________________________________________
Table 1. Suggested Capacitor Manufacturers
SUPPLIER
PHONE
FAX
WEBSITE
Taiyo Yuden
800-348-2496
847-925-0899
www.t-yuden.com
TDK
847-803-6100
847-390-4405
www.component.tdk.com


Similar Part No. - MAX9721BEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX97200 MAXIM-MAX97200 Datasheet
2Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 1; 3/10
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 2; 3/11
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 3; 8/12
MAX97200A MAXIM-MAX97200A Datasheet
535Kb / 5P
   20mW Class G Headphone Amplifier
Rev 0; 2/10
More results

Similar Description - MAX9721BEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com