Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90352 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90352
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90352 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90352 Datasheet HTML 1Page - Fujitsu Component Limited. MB90352 Datasheet HTML 2Page - Fujitsu Component Limited. MB90352 Datasheet HTML 3Page - Fujitsu Component Limited. MB90352 Datasheet HTML 4Page - Fujitsu Component Limited. MB90352 Datasheet HTML 5Page - Fujitsu Component Limited. MB90352 Datasheet HTML 6Page - Fujitsu Component Limited. MB90352 Datasheet HTML 7Page - Fujitsu Component Limited. MB90352 Datasheet HTML 8Page - Fujitsu Component Limited. MB90352 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
MB90350 Series
2
s
s
s
s FEATURES
•••• Clock
• Built-in PLL clock frequency multiplication circuit
• Selection of machine clocks (PLL clocks) is allowed among frequency division by two on oscillation clock, and
multiplication of 1 to 6 times of oscillation clock (for 4 MHz oscillation clock, 4 MHz to 24 MHz).
• Operation by sub-clock (up to 50 kHz : 100 kHz oscillation clock divided by two) is allowed. (devices without
S-suffix only)
• Minimum execution time of instruction : 42 ns (when operating with 4-MHz oscillation clock, and 6-time multi-
plied PLL clock).
• Built-in clock modulation circuit
•••• 16 Mbyte CPU memory space
• 24-bit internal addressing
•••• External Bus Interface
• 4 MByte external memory space
•••• Instruction system best suited to controller
• Wide choice of data types (bit, byte, word, and long word)
• Wide choice of addressing modes (23 types)
• Enhanced multiply-divide instructions and RETI instructions
• Enhanced high-precision computing with 32-bit accumulator
•••• Instruction system compatible with high-level language (C language) and multitask
• Employing system stack pointer
• Enhanced various pointer indirect instructions
• Barrel shift instructions
•••• Increased processing speed
• 4-byte instruction queue
•••• Powerful interrupt function
• Powerful 8-level, 34-condition interrupt feature
• Up to 8 channels external interrupts are supported
•••• Automatic data transfer function independent of CPU
• Extended intelligent I/O service function (EI2OS) : up to 16 channels
• DMA : up to 16 channels
•••• Low power consumption (standby) mode
• Sleep mode (a mode that halts CPU operating clock)
• Main timer mode (a timebase timer mode switched from the main clock mode)
• PLL timer mode (a timebase timer mode switched from the PLL clock mode)
• Watch mode (a mode that operates sub clock and clock timer only)
• Stop mode (a mode that stops oscillation clock and sub clock)
• CPU blocking operation mode
•••• Process
•CMOS technology
•••• I/O port
• General-purpose input/output port (CMOS output)
- 49 ports (devices without S-suffix)
- 51 ports (devices with S-suffix)
(Continued)


Similar Part No. - MB90352

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90352APMC CYPRESS-MB90352APMC Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
MB90352APMC1 CYPRESS-MB90352APMC1 Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
MB90352ASPMC CYPRESS-MB90352ASPMC Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
MB90352ASPMC1 CYPRESS-MB90352ASPMC1 Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90352E FUJITSU-MB90352E Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
More results

Similar Description - MB90352

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com