Electronic Components Datasheet Search |
|
MB90F352 Datasheet(PDF) 3 Page - Fujitsu Component Limited. |
|
MB90F352 Datasheet(HTML) 3 Page - Fujitsu Component Limited. |
3 / 64 page MB90350 Series 3 (Continued) •••• Timer • Time-base timer, clock timer, watchdog timer : 1 channel • 8/16-bit PPG timer : 8-bit × 10 channels, or 16-bit × 6 channels • 16-bit reload timer : 4 channels • 16- bit input/output timer - 16-bit free run timer : 2 channels (FRT0 : ICU0/1, FRT1 : ICU 4/5/6/7, OCU 4/5/6/7) - 16- bit input capture: (ICU) : 6 channels - 16-bit output compare : (OCU) : 4 channels •••• Full-CAN interface : 1 channel • Compliant with Ver2.0A and Ver2.0B CAN specifications • Flexible message buffering (mailbox and FIFO buffering can be mixed) • CAN wake-up function •••• UART (LIN/SCI) : 2 channels • Equipped with full-duplex double buffer • Clock-asynchronous or clock-synchronous serial transmission is available •••• I2C interface* : 1 channel • Up to 400 Kbit/s transfer rate •••• DTP/External interrupt : 8 channels, CAN wakeup : 1 channel • Module for activation of extended intelligent I/O service (EI2OS), DMA, and generation of external interrupt. •••• Delay interrupt generator module • Generates interrupt request for task switching. •••• 8/10-bit A/D converter : 15 channels • Resolution is selectable between 8-bit and 10-bit. • Activation by external trigger input is allowed. • Conversion time : 3 µs (at 24-MHz machine clock, including sampling time) •••• Program patch function • Address matching detection for 6 address pointers. •••• Internal voltage regulator • Supports 3 V MCU core, offering low EMI and low power consumption figures •••• Programmable input levels • Automotive/CMOS-Schmitt (initial level is Automotive in Single chip mode) • TTL level (initial level for External bus mode) •••• Flash security function • Protects the content of Flash (Flash device only) * : I2C license : Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these com- ponents in an I2C system provided that the system conforms to the I2C Standard Specification as defined by Philips. |
Similar Part No. - MB90F352 |
|
Similar Description - MB90F352 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |