Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F352 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F352
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F352 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F352 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 10Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 11Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
MB90350 Series
8
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP64*
24 to 31
P00 to P07
G
General purpose I/O ports.The register can be set to select whether to use
a pull-up resistor.This function is enabled in single-chip mode.
AD00 to AD07
Input/output pins of external address data bus lower 8 bit. This function is
enabled when the external bus is enabled.
INT8 to INT15
External interrupt request input pins for INT8 to INT15.
32
P10
G
General purpose I/O port.The register can be set to select whether to use
a pull-up resistor.This function is enabled in single-chip mode.
AD08
Input/output pin for external bus address data bus bit 8.
This function is enabled when external bus is enabled.
TIN1
Event input pin for reload timer1.
33
P11
G
General purpose I/O.The register can be set to select whether to use a
pull-up resistor.This function is enabled in single-chip mode.
AD09
Input/output pin for external bus address data bus bit 9. This function is en-
abled when external bus is enabled.
TOT1
Output pin for reload timer1.
34
P12
N
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD10
Input/output pin for external bus address data bus bit 10. This function is
enabled when external bus is enabled.
SIN3
Serial data input pin for UART3.
INT11R
External interrupt request input pin for INT11
35
P13
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD11
Input/output pin for external bus address data bus bit 11.
This function is enabled when external bus is enabled.
SOT3
Serial data output pin for UART3.
36
P14
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD12
Input/output pin for external bus address data bus bit 12.
This function is enabled when external bus is enabled.
SCK3
Clock input/output pin for UART3.
37
P15
N
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD13
Input/output pin for external bus address data bus bit 13.
This function is enabled when external bus is enabled.
38
P16
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD14
Input/output pin for external bus address data bus bit 14.
This function is enabled when external bus is enabled.


Similar Part No. - MB90F352

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90F352APMC CYPRESS-MB90F352APMC Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
MB90F352APMC1 CYPRESS-MB90F352APMC1 Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
MB90F352ASPMC CYPRESS-MB90F352ASPMC Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
MB90F352ASPMC1 CYPRESS-MB90F352ASPMC1 Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90F352EPMC FUJITSU-MB90F352EPMC Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
More results

Similar Description - MB90F352

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com