Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F352 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90F352
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F352 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90F352 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 10Page - Fujitsu Component Limited. MB90F352 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
MB90350 Series
7
s
s
s
s PIN DESCRIPTION
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP64*
46
X1
A
Oscillation output pin.
47
X0
Oscillation input pin.
45
RST
E
Reset input pin.
3 to 8
P62 to P67
I
General purpose I/O ports.
AN2 to AN7
Analog input pins for A/D converter.
PPG4, 6, 8,
A, C, E
Output pins for PPGs.
9
P50
O
General purpose I/O port.
AN8
Analog input pin for A/D converter.
SIN2
Serial data input pin for UART2.
10
P51
I
General purpose I/O port.
AN9
Analog input pin for A/D converter.
SOT2
Serial data output pin for UART2.
11
P52
I
General purpose I/O port.
AN10
Analog input pin for A/D converter.
SCK2
Serial data output pin for UART2.
12
P53
I
General purpose I/O port.
AN11
Analog input pin for A/D converter.
TIN3
Event input pin for reload timer3.
13
P54
I
General purpose I/O port.
AN12
Analog input pin for A/D converter.
TOT3
Output pin for reload timer3.
14, 15
P55, P56
I
General purpose I/O ports.
AN13, AN14
Analog input pins for A/D converter.
16
P42
F
General purpose I/O port.
IN6
Data sample input pin for input capture ICU6.
RX1
RX input pin for CAN1.
INT9R
External interrupt request input pin for INT9.
17
P43
F
General purpose I/O port.
IN7
Data sample input pin for input capture ICU7.
TX1
TX output pin for CAN1.
19, 20
P40, P41
F
General purpose I/O ports
(devices with S-suffix and MB90V340A-101) .
X0A, X1A
B
Oscillation input pins for sub clock
(devices without S-suffix and MB90V340A-102) .


Similar Part No. - MB90F352

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90F352APMC CYPRESS-MB90F352APMC Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
MB90F352APMC1 CYPRESS-MB90F352APMC1 Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
MB90F352ASPMC CYPRESS-MB90F352ASPMC Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
MB90F352ASPMC1 CYPRESS-MB90F352ASPMC1 Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90F352EPMC FUJITSU-MB90F352EPMC Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
More results

Similar Description - MB90F352

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com