Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES3D Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # ES3D
Description  SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ES3D Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  ES3D Datasheet HTML 1Page - HY ELECTRONIC CORP. ES3D Datasheet HTML 2Page - HY ELECTRONIC CORP. ES3D Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
ES3A thru ES3J
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 8, 24-Apr-2017
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
0
1.0
10
0.1
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
TJ = 25°C
PULSE WIDTH 300us
ES3A -ES3D
ES3G
ES3J
FIG. 1 – FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (°C)
1.0
0
25
2.0
3.0
50
75
100
125
150
175
0.5
1.5
2.5
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
200
150
100
50
0
100
50
20
10
12
5
REVERSE VOLTAGE ,VOLTS
FIG. 3 – TYPICAL JUNCTION CAPACITANCE
TJ = 25°C f = 1MHz
ES3A - ES3D
ES3G-ES3J
4
100
10
1.0
40
10
100
1


Similar Part No. - ES3D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3D DIODES-ES3D Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
YENYO TECHNOLOGY Co., L...
ES3D YENYO-ES3D Datasheet
754Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
ES3D MIC-ES3D Datasheet
63Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES3D YIXIN-ES3D Datasheet
537Kb / 3P
   Surface Mount Super Fast
logo
Shenzhen Luguang Electr...
ES3D LUGUANG-ES3D Datasheet
243Kb / 2P
   3.0AMPS Surface Mount Super Fast Rectifiers
More results

Similar Description - ES3D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
ES3A YIXIN-ES3A_08 Datasheet
208Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
HY ELECTRONIC CORP.
ES1A HY-ES1A_17 Datasheet
135Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES2AA HY-ES2AA_17 Datasheet
135Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3AB HY-ES3AB_17 Datasheet
135Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3AB HY-ES3AB Datasheet
89Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES2AA HY-ES2AA Datasheet
88Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3A HY-ES3A Datasheet
89Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
List of Unclassifed Man...
FS3A ETC1-FS3A Datasheet
87Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFERS
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
FFMA207 LRC-FFMA207_15 Datasheet
229Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com