Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ0402APNPOABN121 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # CQ0402APNPOABN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CQ0402APNPOABN121 Datasheet(HTML) 5 Page - YAGEO Corporation

  CQ0402APNPOABN121 Datasheet HTML 1Page - YAGEO Corporation CQ0402APNPOABN121 Datasheet HTML 2Page - YAGEO Corporation CQ0402APNPOABN121 Datasheet HTML 3Page - YAGEO Corporation CQ0402APNPOABN121 Datasheet HTML 4Page - YAGEO Corporation CQ0402APNPOABN121 Datasheet HTML 5Page - YAGEO Corporation CQ0402APNPOABN121 Datasheet HTML 6Page - YAGEO Corporation CQ0402APNPOABN121 Datasheet HTML 7Page - YAGEO Corporation CQ0402APNPOABN121 Datasheet HTML 8Page - YAGEO Corporation CQ0402APNPOABN121 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Surface-Mount Ceramic Multilayer Capacitors
Product specification
HiQ
16 V to 250 V
NP0
5
www.yageo.com
Jul. 5, 2016 V.13
CAPACITANCE RANGE & THICKNESS FOR NP0
Table 3 Sizes from 0201 to 0402
CAP.
0201
0402
CAP.
0201
0402
25 V
50 V
50 V
100 V
250 V
25 V
50 V
50 V
100 V
250 V
5.1 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
7.8 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
5.2 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
7.9 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
5.3 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
8.0 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
5.4 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
8.1 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
5.5 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
8.2 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
5.6 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
8.3 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
5.7 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
8.4 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
5.8 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
8.5 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
5.9 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
8.6 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
6.0 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
8.7 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
6.1 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
8.8 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
6.2 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
8.9 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
6.3 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
9.0 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
6.4 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
9.1 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
6.5 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
9.2 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
6.6 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
9.3 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
6.7 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
9.4 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
6.8 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
9.5 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
6.9 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
9.6 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
7.0 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
9.7 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
7.1 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
9.8 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
7.2 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
9.9 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
7.3 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
10 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
7.4 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
12 pF
0.5± 0.05 0.5± 0.05 0.5± 0.05
7.5 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
15 pF
0.5± 0.05 0.5± 0.05 0.5± 0.05
7.6 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
18 pF
0.5± 0.05 0.5± 0.05 0.5± 0.05
7.7 pF 0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
22 pF
0.5± 0.05 0.5± 0.05 0.5± 0.05
Tape Width
8mm
27 pF
0.5± 0.05 0.5± 0.05 0.5± 0.05
33 pF
0.5± 0.05 0.5± 0.05 0.5± 0.05
Tape Width
8mm
NOTE
2. Values in shaded cells indicate thickness class in mm


Similar Part No. - CQ0402APNPOABN121

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
CQ06LF CONQUER-CQ06LF Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF001 CONQUER-CQ06LF001 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF002 CONQUER-CQ06LF002 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF003 CONQUER-CQ06LF003 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF004 CONQUER-CQ06LF004 Datasheet
144Kb / 1P
   Fast-Acting Fuse
More results

Similar Description - CQ0402APNPOABN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com