Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3747-MAX3747A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3747-MAX3747A
Description  155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3747-MAX3747A Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3747-MAX3747A Datasheet HTML 2Page - Maxim Integrated Products MAX3747-MAX3747A Datasheet HTML 3Page - Maxim Integrated Products MAX3747-MAX3747A Datasheet HTML 4Page - Maxim Integrated Products MAX3747-MAX3747A Datasheet HTML 5Page - Maxim Integrated Products MAX3747-MAX3747A Datasheet HTML 6Page - Maxim Integrated Products MAX3747-MAX3747A Datasheet HTML 7Page - Maxim Integrated Products MAX3747-MAX3747A Datasheet HTML 8Page - Maxim Integrated Products MAX3747-MAX3747A Datasheet HTML 9Page - Maxim Integrated Products MAX3747-MAX3747A Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Detailed Description
The limiting amplifiers consist of a multistage amplifier,
offset-correction circuitry, an output buffer, and loss-of-
signal detect circuitry (see the Functional Diagram).
Input Stage
The input stage is shown in Figure 3. It provides 50
termination to VREF for each input signal, IN+ and IN-.
The MAX3747/MAX3747A should be AC-coupled.
Multistage Amplifier
The high-bandwidth multistage amplifier provides
approximately 57dB of gain for the MAX3747 and 61dB
of gain for the MAX3747A.
Offset Correction Loop
The MAX3747/MAX3747A are susceptible to DC offsets
in the signal path because they have high gain. In com-
munication systems using NRZ data with a 50% duty
cycle, pulse-width distortion present in the signal or gen-
erated in the transimpedance amplifier appears as an
input offset and is reduced by the offset correction loop.
The offset correction loop sets a low-frequency cutoff of
3.2kHz.
155Mbps to 3.2Gbps, Low-Power SFP
Limiting Amplifiers
_______________________________________________________________________________________
7
Pin Description
MAX3747/
MAX3747A
MICREL
SY8893V
PIN
NAME
NAME
FUNCTION
1
DISABLE
EN
Disable Function Pin. The data outputs are held static when this pin is asserted high,
transistor-to-transistor logic (TTL).
2
IN+
DIN
Noninverted Input Signal, CML
3
IN-
DIN
Inverted Input Signal, CML
4VREF
VREF
Reference Voltage for LOS Threshold Setting
5TH
LOSLVL
Loss-of-Signal Level Set. A voltage on this pin created by a two-resistor divider sets
the threshold level. Connect one resistor from this pin to VCC and another from this pin
to VREF (see Figure 5).
6
GND
GND
Ground
7
LOS
LOS
Loss-of-Signal, Open Collector. LOS is high when the level of the input signal drops
below the preset threshold set by the TH input. LOS is deasserted low when the signal
level is above the threshold.
8
OUT-
DOUT
Inverted Data Output, CML
9
OUT+
DOUT
Noninverted Data Output, CML
10
VCC
VCC
Positive Power Supply
MAX3747
MAX3747A
50
50
VREF
VCC
ESD
STRUCTURES
Figure 3. CML Input Stage


Similar Part No. - MAX3747-MAX3747A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3747 MAXIM-MAX3747 Datasheet
281Kb / 6P
   SMA Connectors for All High-Speed Inputs and Outputs
Rev A; 05/04
MAX3747 MAXIM-MAX3747 Datasheet
338Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
MAX3747A MAXIM-MAX3747A Datasheet
299Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
MAX3747A MAXIM-MAX3747A Datasheet
281Kb / 6P
   SMA Connectors for All High-Speed Inputs and Outputs
Rev A; 05/04
MAX3747A MAXIM-MAX3747A Datasheet
338Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
More results

Similar Description - MAX3747-MAX3747A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3747 MAXIM-MAX3747_V01 Datasheet
338Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
MAX3747A MAXIM-MAX3747A_12 Datasheet
317Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12
MAX3747 MAXIM-MAX3747_07 Datasheet
299Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
MAX3748 MAXIM-MAX3748 Datasheet
414Kb / 11P
   Compact 155Mbps to 3.2Gbps Limiting Amplifier
19-2717; Rev 1; 7/03
MAX3746 MAXIM-MAX3746_07 Datasheet
324Kb / 13P
   Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
logo
Taiwan Memory Technolog...
I7330 TMT-I7330 Datasheet
109Kb / 1P
   i7330 155Mbps to 4Gbps Low-Power Limiting Amplifier
logo
Micrel Semiconductor
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com