Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6201P492TL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6201P492TL
Description  Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P492TL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6201P492TL Datasheet HTML 1Page - Torex Semiconductor XC6201P492TL Datasheet HTML 2Page - Torex Semiconductor XC6201P492TL Datasheet HTML 3Page - Torex Semiconductor XC6201P492TL Datasheet HTML 4Page - Torex Semiconductor XC6201P492TL Datasheet HTML 5Page - Torex Semiconductor XC6201P492TL Datasheet HTML 6Page - Torex Semiconductor XC6201P492TL Datasheet HTML 7Page - Torex Semiconductor XC6201P492TL Datasheet HTML 8Page - Torex Semiconductor XC6201P492TL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Positive Voltage Regulators
Series
185
3
The XC6201 series are highly precise, low power consumption, positive
voltage regulators manufactured using CMOS and laser trimming
technologies.
The series provides large currents with a significantly small dropout
voltage.
The XC6201 consists of a current limiter circuit, a driver transistor, a
precision reference voltage and an error amplifier. Output voltage is
selectable in 0.1V steps between 1.3V ~ 6.0V.
SOT-25 (250mW), SOT-89 (500mW) and TO-92 (300mW) packages are
available.
■General Description
Maximum Output Current
: 250mA (TYP.)
Dropout Voltage
: 0.16V @ 100mA
Maximum Operating Voltage
: 10V
Output Voltage Range
: 1.3V ~ 6.0V
(selectable in 0.1V steps)
Highly Accurate
: ± 2%
Low Power Consumption
: TYP 2.0
µA
Operational Temperature Range : -40°C ~ 85°C
Ultra Small Packages
: SOT-25 (250mW),
SOT-89 (500mW),
TO-92 (300mW)
Capacitors can be Tantalum or Ceramic
GMobile phones
GCordless phones
GCameras, video recorders
GPortable games
GPortable AV equipment
GReference voltage
GBattery powered equipment
■Features
■Applications
NCMOS Low Power Consumption
NDropout Voltage
: 0.16V @ 100mA,
0.40V @ 200mA
NMaximum Output Current : 250mA (VOUT=5.0V, TYP)
NHighly Accurate
: ± 2%
NOutput Voltage Range : 1.3V ~ 6.0V
NSOT-25 / SOT-89 / TO-92 Package
NCapacitors can be Tantalum or Ceramic
XC6201P332
1.5
2.0
2.5
3.0
02
4
6
8
10
Input Voltage:VIN(V)
0.0
0.5
1.0
Topr=85
°C
25
°C
-40
°C
VIN
VOUT
VSS
1.0
µF(tantalum)
1.0
µF(tantalum)
■Typical Application Circuit
■Typical Performance
Characteristic
03S_01XC6201 02.9.12 2:35 PM ページ 185


Similar Part No. - XC6201P492TL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P401MR TOREX-XC6201P401MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P401MR-G TOREX-XC6201P401MR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P401PR TOREX-XC6201P401PR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P401PR-G TOREX-XC6201P401PR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P401TH TOREX-XC6201P401TH Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201P492TL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com