Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSLM2520-151J Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # FSLM2520-151J
Description  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSLM2520-151J Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  FSLM2520-151J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. FSLM2520-151J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L size
2.5 ±0.2mm
W size
2.0 ±0.2mm
T size
1.7 mm
Size code in inch (mm)
1008 (2520)
Rated current is specified when the decrease of the initial inductance
value at 10%. (The ambient reference temperature is 20℃.)
OR rated current is specified when temperature of inductor the is raised
20℃ by DC current. (The ambient reference temperature is 20℃.)
Whichever is smaller.
Packaging
code
Specifications
Minimum quantity
=P2
φ
180mm Embossed taping
2000
Mass (Typ.)
1 piece
0.02g
Inductance
150µH ±5%
Inductance test frequency
0.796MHz
Rated current
50mA
Max. of DC resistance
22.0Ω
Q (min.)
15
Q test frequency
0.796MHz
Self resonance frequency (min.)
7.5MHz
Operating temperature range (Self-temperature rise is included)
-40〜85℃
Class of magnetic shield
No Shield
Series
LLM2520
#FSLM2520-151J=P2
< List of part numbers with package codes >
#FSLM2520-151J=P2
Shape
Notes
References
Specifications
Last updated: 2017/06/02
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/


Similar Part No. - FSLM2520-151J

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FSLM2520-151J TOKO-FSLM2520-151J Datasheet
406Kb / 2P
   Wire Wound Chip Inductors
More results

Similar Description - FSLM2520-151J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com