Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ0402JPNPO0BN121 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # CQ0402JPNPO0BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CQ0402JPNPO0BN121 Datasheet(HTML) 4 Page - YAGEO Corporation

  CQ0402JPNPO0BN121 Datasheet HTML 1Page - YAGEO Corporation CQ0402JPNPO0BN121 Datasheet HTML 2Page - YAGEO Corporation CQ0402JPNPO0BN121 Datasheet HTML 3Page - YAGEO Corporation CQ0402JPNPO0BN121 Datasheet HTML 4Page - YAGEO Corporation CQ0402JPNPO0BN121 Datasheet HTML 5Page - YAGEO Corporation CQ0402JPNPO0BN121 Datasheet HTML 6Page - YAGEO Corporation CQ0402JPNPO0BN121 Datasheet HTML 7Page - YAGEO Corporation CQ0402JPNPO0BN121 Datasheet HTML 8Page - YAGEO Corporation CQ0402JPNPO0BN121 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Surface-Mount Ceramic Multilayer Capacitors
Product specification
HiQ
16 V to 250 V
NP0
4
www.yageo.com
Jul. 5, 2016 V.13
CAPACITANCE RANGE & THICKNESS FOR NP0
Table 2 Sizes from 0201 to 0402
CAP.
0201
0402
CAP.
0201
0402
25 V
50 V
50 V
100V
250V
25 V
50V
50 V
100V
250V
0.2 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
2.6 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
0.3 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
2.7 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
0.4 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
2.8 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
0.5 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
2.9 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
0.6 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
3.0 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
0.7 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
3.1 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
0.8 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
3.2 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
0.9 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
3.3 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
1.0 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
3.4 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
1.1 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
3.5 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
1.2 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
3.6 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
1.3 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
3.7 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
1.4 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
3.8 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
1.5 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
3.9 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
1.6 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
4.0 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
1.7 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
4.1 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
1.8 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
4.2 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
1.9 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
4.3 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
2.0 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
4.4 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
2.1 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
4.5 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
2.2 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
4.6 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
2.3 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
4.7 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
2.4 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
4.8 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
2.5 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
4.9 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
Tape Wi
dth
8mm
Tape Wid
th
8mm
5.0 pF
0.3± 0.03 0.3± 0.03 0.5± 0.05 0.5± 0.05 0.5± 0.05
Tape Width
8mm
NOTE
1. Values in shaded cells indicate thickness class in mm


Similar Part No. - CQ0402JPNPO0BN121

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
CQ06LF CONQUER-CQ06LF Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF001 CONQUER-CQ06LF001 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF002 CONQUER-CQ06LF002 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF003 CONQUER-CQ06LF003 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF004 CONQUER-CQ06LF004 Datasheet
144Kb / 1P
   Fast-Acting Fuse
More results

Similar Description - CQ0402JPNPO0BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com