Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3408 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3408
Description  75??100??120??Switchable Termination Networks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3408 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3408 Datasheet HTML 1Page - Maxim Integrated Products MAX3408 Datasheet HTML 2Page - Maxim Integrated Products MAX3408 Datasheet HTML 3Page - Maxim Integrated Products MAX3408 Datasheet HTML 4Page - Maxim Integrated Products MAX3408 Datasheet HTML 5Page - Maxim Integrated Products MAX3408 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The MAX3406/MAX3407/MAX3408 are general-purpose
line-terminating networks designed to change the termi-
nation value of a line, depending on the state of a digi-
tal control line, allowing the connection to a coaxial
cable or a twisted pair wire. These devices are switch-
able between 75
Ω, 100Ω, and 120Ω. The MAX3406
can switch from 75
Ω to 100Ω, the MAX3407 can switch
from 75
Ω to 120Ω, and the MAX3408 can switch from
100
Ω to 120Ω termination. Termination resistance val-
ues are guaranteed to ±2.5% through -40°C to +85°C
and for signal levels of ±3.6V.
The MAX3406/MAX3407/MAX3408 consume only 50µA
supply current and are fully specified for operation from
a +4.5V to +5.5V power supply. These devices are avail-
able in a tiny 5-pin SOT23 package. All specifications
are guaranteed over the extended temperature range of
-40°C to +85°C.
Applications
Telecom E1/T1/J1 Coax/Twisted Pair Termination
Data Routers
Telecom Racks
Video Security
Industrial Networks
Ethernet Networks
Features
o Available in 5-Pin SOT Package
o ±2.5% Resistance Accuracy Over Extended
Temperature Range
o -3.6V to +3.6V Input Voltage Range
o 50µA Supply Current (max)
o Bipolar Input Range Off a Single Supply
o Switchable Termination
75
Ω or 100Ω (MAX3406)
75
Ω or 120Ω (MAX3407)
100
Ω or 120Ω (MAX3408)
75
Ω/100Ω/120Ω Switchable Termination
Networks
________________________________________________________________ Maxim Integrated Products
1
GND
B
ENABLE
15
A
VCC
MAX3406
MAX3407
MAX3408
SOT23-5
TOP VIEW
2
34
Pin Configuration
Ordering Information
19-2141; Rev 0; 8/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP.
RANGE
PIN-
PACKAGE
TOP
MARK
MAX3406EUK
-40
°C to +85°C
5 SOT23-5
ADSV
MAX3407EUK
-40
°C to +85°C
5 SOT23-5
ADSW
MAX3408EUK
-40
°C to +85°C
5 SOT23-5
ADSX
Selector Guide
TERMINATION
PART
ENABLE = 1
ENABLE = 0
MAX3406EUK
75
100
MAX3407EUK
75
120
MAX3408EUK
100
120


Similar Part No. - MAX3408

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420E MAXIM-MAX3420E Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
MAX3420E MAXIM-MAX3420E Datasheet
203Kb / 9P
   Mates to Keil MCB2130 Development Board
Rev 0; 12/06
MAX3420E MAXIM-MAX3420E Datasheet
179Kb / 10P
   Four GPI Port-Connected Pushbuttons
Rev 0; 12/06
MAX3420EEC MAXIM-MAX3420EEC Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
More results

Similar Description - MAX3408

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RDAQ20T KOA-RDAQ20T Datasheet
93Kb / 2P
   scsi&ecl termination networks
RDAQ20TTEB331JH KOA-RDAQ20TTEB331JH Datasheet
226Kb / 2P
   scsi & ecl termination networks
logo
Linear Technology
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
logo
KOA Speer Electronics, ...
CN1J4RTTD103J KOA-CN1J4RTTD103J Datasheet
254Kb / 2P
   anti sulfuration chip networks (concave termination)
logo
Linear Technology
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
logo
KOA Speer Electronics, ...
CN1E4KRTTD103J KOA-CN1E4KRTTD103J Datasheet
306Kb / 2P
   anti sulfuration chip networks (convex termination)
logo
Welwyn Components Limit...
BB1110TB WELWYN-BB1110TB Datasheet
310Kb / 4P
   Terminator Networks 18 Bit SSTL_2 Termination Sets
logo
Bi technologies
SQS24H01FS13 BITECH-SQS24H01FS13 Datasheet
51Kb / 3P
   HSTL Termination Circuit Thin Film Resistor Networks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com