Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1169BEUD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1169BEUD
Description  58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1169BEUD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1169BEUD Datasheet HTML 1Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 2Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 3Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 4Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 5Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 6Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 7Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 8Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
58.6ksps, 16-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +4.75V to +5.25V, DVDD = +2.7V to +5.5V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external ref-
erence applied to REF, REFADJ = AVDD, CREF = 10µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Fast mode
100
Aperture Jitter, Figure 11c
tAJ
High-speed mode
100
ps
ANALOG INPUT (AIN)
Input Voltage Range
VAIN
0VREF
V
Input Leakage Current
On/off-leakage current, VAIN = 0 or AVDD,
no clock, fSCL = 0
±0.01
±10
µA
Input Capacitance
CIN
35
pF
INTERNAL REFERENCE (bypass REFADJ with 0.1µF to AGND and REF with 10µF to AGND)
REF Output Voltage
VREF
4.056
4.096
4.136
V
TA = 0°C to +70°C
±20
Reference Temperature
Coefficient
TCREF
TA = -40°C to +85°C
±35
ppm/
°C
Reference Short-Circuit Current
IREFSC
10
mA
REFADJ Output Voltage
4.056
4.096
4.136
V
REFADJ Input Range
For small adjustments, from 4.096V
±60
mV
EXTERNAL REFERENCE (REFADJ = AVDD)
REFADJ Buffer Disable Voltage
Pull REFADJ high to disable the internal
bandgap reference and reference buffer
AVDD
- 0.1
V
REFADJ Buffer Enable Voltage
AVDD
- 0.4
V
Reference Input Voltage Range
(Note 7)
1.0
AVDD
V
VREF = +4.096V, VIN = VREF(P-P),
fIN(sine wave) = 1kHz, fSAMPLE = 58.6ksps
27
REF Input Current
IREF
VREF = +4.096V, shutdown
0.1
µA
DIGITAL INPUTS/OUTPUTS (SCL, SDA)
Input High Voltage
VIH
0.7
×
DVDD
V
Input Low Voltage
VIL
0.3
×
DVDD
V
Input Hysteresis
VHYST
0.1
×
DVDD
V
Input Current
IIN
±10
µA
Input Capacitance
CIN
15
pF
Output Low Voltage
VOL
ISINK = 3mA
0.4
V
ADDRESS SELECT INPUTS (ADD3, ADD2, ADD1, ADD0)
Input High Voltage
0.7
×
DVDD
V
Input Low Voltage
0.3
×
DVDD
V
Input Hysteresis
0.1
×
DVDD
V


Similar Part No. - MAX1169BEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1169BEUD++ MAXIM-MAX1169BEUD+ Datasheet
304Kb / 20P
   58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 1; 12/09
MAX1169BEUD++ MAXIM-MAX1169BEUD+ Datasheet
764Kb / 20P
   58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 2; 12/10
More results

Similar Description - MAX1169BEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1169 MAXIM-MAX1169 Datasheet
304Kb / 20P
   58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 1; 12/09
MAX1169 MAXIM-MAX1169_10 Datasheet
764Kb / 20P
   58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 2; 12/10
MAX1069 MAXIM-MAX1069_10 Datasheet
370Kb / 20P
   58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 2; 12/10
MAX1069 MAXIM-MAX1069 Datasheet
442Kb / 20P
   58.6ksps, 14-Bit, 2-Wire Serial ADC
19-2652; Rev 0; 10/02
logo
Integrated Device Techn...
ICS650-41 IDT-ICS650-41 Datasheet
228Kb / 11P
   Packaged in 16-pin TSSOP
ICS650-44 IDT-ICS650-44 Datasheet
227Kb / 11P
   Packaged in 16-pin TSSOP
logo
Linear Technology
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
   14-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com