Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1169BEUD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1169BEUD
Description  58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1169BEUD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1169BEUD Datasheet HTML 7Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 8Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 9Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 10Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 11Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 12Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 13Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 14Page - Maxim Integrated Products MAX1169BEUD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Detailed Description
The MAX1169 ADC uses successive-approximation
conversion (SAR) techniques and on-chip track-and-
hold (T/H) circuitry to capture and convert an analog
signal to a serial 16-bit digital output.
The MAX1169 performs a unipolar conversion on its
single analog input using its internal 4MHz clock. The
full-scale analog input range is determined by the inter-
nal reference or by an externally applied reference volt-
age ranging from 1V to AVDD.
The flexible 2-wire serial interface provides easy con-
nection to microcontrollers (µCs) and supports data
rates up to 1.7MHz. Figure 3 shows the simplified func-
tional diagram for the MAX1169 and Figure 4 shows the
typical application circuit.
Power Supply
To maintain a low-noise environment, the MAX1169
provides separate analog and digital power-supply
inputs. The analog circuitry requires a +5V supply and
consumes only 900µA at sampling rates up to
58.6ksps. The digital supply voltage accepts voltages
from +2.7V to +5.5V to ensure compatibility with low-
voltage ASICs. The MAX1169 wakes up in shutdown
mode when power is applied irrespective of the AVDD
and DVDD sequence.
Analog Input and Track/Hold
The MAX1169 analog input contains a T/H capacitor,
T/H switches, comparator, and a switched capacitor
digital-to-analog converter (DAC) (Figure 5).
As shown in Figure 11c, the MAX1169 acquisition peri-
od is the two clock cycles prior to the conversion peri-
od. The T/H switches are normally in the hold position.
During the acquisition period, the T/H switches are in
the track position and CT/H charges to the analog input
signal. Before a conversion begins, the T/H switches
move to the hold position retaining the charge on CT/H
as a sample of the analog input signal.
During the conversion interval, the switched capacitive
DAC adjusts to restore the comparator input voltage to
zero within the limits of 16-bit resolution. This is equiva-
lent to transferring a charge of 35pF
× (VAIN - VAGNDS)
from CT/H to the binary weighted capacitive DAC,
forming a digital representation of the analog input sig-
nal. During the conversion period, the MAX1169 holds
SCL low (clock stretching).
58.6ksps, 16-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
______________________________________________________________________________________
11
Pin Description
PIN
NAME
FUNCTION
1
DGND
Digital Ground
2
SCL
Clock Input
3
SDA
Data Input/Output
4
ADD2
Address Select Input 2
5
ADD1
Address Select Input 1
6
ADD0
Address Select Input 0
7DVDD
Digital Power Input. Bypass to DGND with a 0.1µF capacitor.
8AVDD
Analog Power Input. Bypass to AGND with a 0.1µF capacitor.
9
AGND
Analog Ground
10
AIN
Analog Input
11
AGNDS
Analog Signal Ground. Negative reference for analog input. Connect to AGND.
12
REFADJ
Internal Reference Output and Reference Buffer Input. Bypass to AGND with a 0.1µF capacitor.
Connect REFADJ to AVDD to disable the internal bandgap reference and reference-buffer amplifier.
13
REF
Reference Buffer Output and External Reference Input. Bypass to AGND with a 10µF capacitor
when using the internal reference.
14
ADD3
Address Select Input 3


Similar Part No. - MAX1169BEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1169BEUD++ MAXIM-MAX1169BEUD+ Datasheet
304Kb / 20P
   58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 1; 12/09
MAX1169BEUD++ MAXIM-MAX1169BEUD+ Datasheet
764Kb / 20P
   58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 2; 12/10
More results

Similar Description - MAX1169BEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1169 MAXIM-MAX1169 Datasheet
304Kb / 20P
   58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 1; 12/09
MAX1169 MAXIM-MAX1169_10 Datasheet
764Kb / 20P
   58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 2; 12/10
MAX1069 MAXIM-MAX1069_10 Datasheet
370Kb / 20P
   58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 2; 12/10
MAX1069 MAXIM-MAX1069 Datasheet
442Kb / 20P
   58.6ksps, 14-Bit, 2-Wire Serial ADC
19-2652; Rev 0; 10/02
logo
Integrated Device Techn...
ICS650-41 IDT-ICS650-41 Datasheet
228Kb / 11P
   Packaged in 16-pin TSSOP
ICS650-44 IDT-ICS650-44 Datasheet
227Kb / 11P
   Packaged in 16-pin TSSOP
logo
Linear Technology
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
   14-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com